Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E554-25-I-PJ Datasheet(PDF) 43 Page - Silicon Storage Technology, Inc

No. de pieza SST89E554-25-I-PJ
Descripción Electrónicos  FlashFlex51 MCU
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E554-25-I-PJ Datasheet(HTML) 43 Page - Silicon Storage Technology, Inc

Back Button SST89E554-25-I-PJ Datasheet HTML 39Page - Silicon Storage Technology, Inc SST89E554-25-I-PJ Datasheet HTML 40Page - Silicon Storage Technology, Inc SST89E554-25-I-PJ Datasheet HTML 41Page - Silicon Storage Technology, Inc SST89E554-25-I-PJ Datasheet HTML 42Page - Silicon Storage Technology, Inc SST89E554-25-I-PJ Datasheet HTML 43Page - Silicon Storage Technology, Inc SST89E554-25-I-PJ Datasheet HTML 44Page - Silicon Storage Technology, Inc SST89E554-25-I-PJ Datasheet HTML 45Page - Silicon Storage Technology, Inc SST89E554-25-I-PJ Datasheet HTML 46Page - Silicon Storage Technology, Inc SST89E554-25-I-PJ Datasheet HTML 47Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E564 / SST89V564 / SST89E554 / SST89V554
43
©2001 Silicon Storage Technology, Inc.
S71181-03-000
9/01
384
9.0 RESET
A system reset initializes the MCU and begins program
execution at program memory location 0000H. The reset
input for the device is the RST pin. In order to reset the
device, a logic level high must be applied to the RST pin for
at least two machine cycles (24 clocks), after the oscillator
becomes stable. ALE, PSEN# are weakly pulled high dur-
ing reset. During reset, ALE and PSEN# output a high level
in order to perform a proper reset. This level must not be
affected by external element. A system reset will not affect
the 1 KByte of on-chip RAM while the device is running,
however, the contents of the on-chip RAM during power up
are indeterminate. Following reset, all Special Function
Registers (SFR) return to their reset values outlined in
Tables 3-5 to 3-9.
9.1 Power-On Reset
At initial power up, the port pins will be in a random state
until the oscillator has started and the internal reset algo-
rithm has weakly pulled all pins high. Powering up the
device without a valid reset could cause the MCU to
start executing instructions from an indeterminate
location. Such undefined states may inadvertently cor-
rupt the code in the flash.
When power is applied to the device, the RST pin must be
held high long enough for the oscillator to start up (usually
several milliseconds for a low frequency crystal), in addition
to two machine cycles for a valid Power-On Reset. An
example of a method to extend the RST signal is to imple-
ment a RC circuit by connecting the RST pin to VDD
through a 10 µF capacitor and to VSS through an 8.2KΩ
resistor as shown in Figure 9-1. Note that if an RC circuit is
being used, provisions should be made to ensure the VDD
rise time does not exceed 1 millisecond and the oscillator
start-up time does not exceed 10 milliseconds.
For a low frequency oscillator with slow start-up time the
reset signal must be extended in order to account for the
slow start-up time. This method maintains the necessary
relationship between VDD and RST to avoid programming
at an indeterminate location, which may cause corruption
in the code of the flash. For more information on system
level design techniques, please review Design Consider-
ations for the SST FlashFlex51 Family Microcontroller
Application Note.
FIGURE
9-1: POWER-ON RESET CIRCUIT
9.2 Software Reset
The software reset is executed by changing SFCF[1]
(SWR) from “0” to “1”. A software reset will reset the pro-
gram counter to address 0000H. All SFR registers will be
set to their reset values, except SFCF[1] (SWR), WDTC[2]
(WDTS), and RAM data will not be altered.
9.3 Brown-out Detection Reset
The device includes a Brown-out detection circuit to protect
the system from severe VDD fluctuations. For Brown-out
voltage parameters, please refer to Tables 10-3 and 10-4.
Brown-out interrupt can be enabled by setting the EBO bit
in IEA register (address E8H, bit 3). If EBO bit is set and a
Brown-out condition occurs, a Brown-out interrupt will be
generated to execute the program at location 004BH. It is
required that the EBO bit be cleared by software after the
Brown-out interrupt is serviced. Clearing EBO bit when the
Brown-out condition is active will properly reset the device.
If Brown-out interrupt is not enabled, a Brown-out condition
will reset the program to resume execution at location 0000H.
9.4 Interrupt Priority and Polling
Sequence
The device supports eight interrupt sources under a four
level priority scheme. Table 9-1 summarizes the polling
sequence of the supported interrupts. Note that the SPI
serial interface and the UART share the same interrupt
vector.
384 ILL F31.2
VDD
VDD
10µF
+
-
8.2K
SST89E5x4/V5x4
RST
XTAL2
XTAL1
C1
C2


Número de pieza similar - SST89E554-25-I-PJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E554RC SST-SST89E554RC Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC SST-SST89E554RC Datasheet
962Kb / 90P
   FlashFlex MCU
SST89E554RC SST-SST89E554RC Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E554RC-25-C-NI SST-SST89E554RC-25-C-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-NJ SST-SST89E554RC-25-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

Descripción similar - SST89E554-25-I-PJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com