Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMV358M8G-7 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
LMV358M8G-7 Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 16 page LMV321/LMV358/LMV324 GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS LMV321/358/324 Document number: DS33196 Rev. 6 - 2 1 of 16 www.diodes.com February 2011 © Diodes Incorporated Description The LMV321/LMV358/LMV324 are low voltage (2.7V to 5.5V) single, dual and quad operational amplifiers. The LMV321/LMV358/LMV324 are designed to effectively reduce cost and space at low voltage levels. These devices have the capability of rail-to-rail output swing and input common-mode voltage range includes ground. They can also achieve an efficient speed-to-power ratio, utilizing 1 MHz bandwidth and 1 V/µs slew rate at a low supply current. Reducing noise pickup and increasing signal integrity can be achieved by placing the device close to the signal source. The LMV321 is available in 5-Pin SOT353/SOT25 packages that reduce space on PC boards and portable electronic devices. The LMV324 is available in the SOP-14L and TSSOP-14L package. The LMV358 is available in the MSOP-8L and SOP-8L packages. Features (For V +=5V and V-=0V typical unless otherwise noted) • Guaranteed 2.7V and 5V performance • Crossover distortion eliminated • Operating temperature range (-40°C to +85°C) • Gain-bandwidth product 1 MHz • Low supply current - LMV321 110 µA Typ - LMV358 190 µA Typ - LMV324 340 µA Typ • Rail-to-rail output swing @ 10 k Ω - V + -10 mV - V - +10 mV • Input Common Mode Voltage Range (-0.2 to V + -0.8V) • Manufactured in standard CMOS process • SOT353, SOT25, MSOP-8L, SOP-8L, SOP-14L & TSSOP-14L: Available in “Green” Molding Compound (No Br, Sb) • Lead-free Finish/ RoHS Compliant (Note 1) Pin Assignments 1 2 3 5 4 IN+ V- V+ OUT + IN- - ( Top View ) SOT25 / SOT353 Application • Active filters • General purpose low voltage applications • General purpose portable devices Notes: 1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html ( Top View ) 1 2 3 7 6 5 4 8 SOP-8L / MSOP-8L OUTA IN A- IN A+ V - V + OUTB IN B- IN B+ B + - A - + (Top View) 1 2 3 13 12 11 4 14 SOP-14L / TSSOP-14L OUTA INA- INA+ V + OUTD IND- IND+ D + - A - + 7 6 5 9 10 8 OUTB INB- INB+ V - OUTC INC- INC+ + - C - + B (Top View) 1 2 3 13 12 11 4 14 SOP-14L / TSSOP-14L OUTA INA- INA+ V + OUTD IND- IND+ D + - A - + 7 6 5 9 10 8 OUTB INB- INB+ V - OUTC INC- INC+ + - C - + B |
Número de pieza similar - LMV358M8G-7 |
|
Descripción similar - LMV358M8G-7 |