Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E554-25-C-NJ Datasheet(PDF) 37 Page - Silicon Storage Technology, Inc

No. de pieza SST89E554-25-C-NJ
Descripción Electrónicos  FlashFlex51 MCU
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E554-25-C-NJ Datasheet(HTML) 37 Page - Silicon Storage Technology, Inc

Back Button SST89E554-25-C-NJ Datasheet HTML 33Page - Silicon Storage Technology, Inc SST89E554-25-C-NJ Datasheet HTML 34Page - Silicon Storage Technology, Inc SST89E554-25-C-NJ Datasheet HTML 35Page - Silicon Storage Technology, Inc SST89E554-25-C-NJ Datasheet HTML 36Page - Silicon Storage Technology, Inc SST89E554-25-C-NJ Datasheet HTML 37Page - Silicon Storage Technology, Inc SST89E554-25-C-NJ Datasheet HTML 38Page - Silicon Storage Technology, Inc SST89E554-25-C-NJ Datasheet HTML 39Page - Silicon Storage Technology, Inc SST89E554-25-C-NJ Datasheet HTML 40Page - Silicon Storage Technology, Inc SST89E554-25-C-NJ Datasheet HTML 41Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E564 / SST89V564 / SST89E554 / SST89V554
37
©2001 Silicon Storage Technology, Inc.
S71181-03-000
9/01
384
AAR is only available when using the serial port in either
mode 2 or 3. Setting the SM2 bit in SCON enables AAR.
Each slave must have its SM2 bit set when waiting for an
address (9th bit = 1). The Receive Interrupt (RI) flag will only
be set when the received byte matches either the Given or
Broadcast Address. The slave then clears its SM2 bit to
enable reception of data bytes (9th bit = 0) from the master.
The master can selectively communicate with groups of
slaves by sending the Given Address. Addressing all
slaves is also possible by sending the Broadcast address.
The SADDR and SADEN special function registers define
these addresses for each slave.
SADDR specifies a slaves individual address and SADEN
is a mask byte that defines don’t-care bits to form the Given
address when combined with SADDR. The following is an
example:
In this example Slave 1 can be distinguished from Slave 2
by using bits 0 and 1. Slave 1 will not respond to an
address that has bit 1 set to 1 while Slave 2 will. Similarly,
Slave 2 will not respond to an address that has bit 0 set to 0
while Slave 1 will. Both slaves will respond to an address of
1111 0x01b so this is the Broadcast Address. The Broad-
cast Addresses is formed by the logical OR of SADDR and
SADEN with 0s treated as don’t-care bits.
6.2 Serial Peripheral Interface (SPI)
The device SPI allows for high-speed full-duplex synchro-
nous data transfer between the device and other compati-
ble SPI devices.
Figure 6-1 shows the correspondence between master
and slave SPI devices. The SCK pin is the clock output and
input for the master and slave modes, respectively. The SPI
clock generator will start following a write to the master
devices SPI data register. The written data is then shifted
out of the MOSI pin on the master device into the MOSI pin
of the slave device. Following a complete transmission of
one byte of data, the SPI clock generator is stopped and
the SPIF flag is set. An SPI interrupt request will be gener-
ated if the SPI interrupt enable bit (SPIE) and the serial port
interrupt enable bit (ES) are both set.
An external master drives the Slave Select input pin, SS#/
P1[4], low to select the SPI module as a slave. If SS#/P1[4]
has not been driven low, then the slave SPI unit is not
active and the MOSI/P1[5] port can also be used as an
input port pin.
CPHA and CPOL control the phase and polarity of the SPI
clock. Figures 6-2 and 6-3 show the four possible combina-
tions of these two bits.
FIGURE
6-1: SPI MASTER-SLAVE INTERCONNECTION
UART Slave 1
SADDR
=
1111 0001
SADEN
=
1111 1010
GIVEN
=
1111 0x0x
UART Slave 2
SADDR
=
1111 0011
SADEN
=
1111 1001
GIVEN
=
1111 0xx1
384 ILL F53.1
8-bit Shift Register
MSB MASTER LSB
SPI
Clock Generator
MISO MISO
MOSI MOSI
SCK
SCK
SS#
SS#
8-bit Shift Register
MSB SLAVE LSB
VIH


Número de pieza similar - SST89E554-25-C-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E554RC SST-SST89E554RC Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC SST-SST89E554RC Datasheet
962Kb / 90P
   FlashFlex MCU
SST89E554RC SST-SST89E554RC Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E554RC-25-C-NI SST-SST89E554RC-25-C-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-NJ SST-SST89E554RC-25-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

Descripción similar - SST89E554-25-C-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com