Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E564-40-C-NJ Datasheet(PDF) 45 Page - Silicon Storage Technology, Inc

No. de pieza SST89E564-40-C-NJ
Descripción Electrónicos  FlashFlex51 MCU
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E564-40-C-NJ Datasheet(HTML) 45 Page - Silicon Storage Technology, Inc

Back Button SST89E564-40-C-NJ Datasheet HTML 41Page - Silicon Storage Technology, Inc SST89E564-40-C-NJ Datasheet HTML 42Page - Silicon Storage Technology, Inc SST89E564-40-C-NJ Datasheet HTML 43Page - Silicon Storage Technology, Inc SST89E564-40-C-NJ Datasheet HTML 44Page - Silicon Storage Technology, Inc SST89E564-40-C-NJ Datasheet HTML 45Page - Silicon Storage Technology, Inc SST89E564-40-C-NJ Datasheet HTML 46Page - Silicon Storage Technology, Inc SST89E564-40-C-NJ Datasheet HTML 47Page - Silicon Storage Technology, Inc SST89E564-40-C-NJ Datasheet HTML 48Page - Silicon Storage Technology, Inc SST89E564-40-C-NJ Datasheet HTML 49Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E564 / SST89V564 / SST89E554 / SST89V554
45
©2001 Silicon Storage Technology, Inc.
S71181-03-000
9/01
384
TABLE
9-2: POWER SAVING MODES
Mode
Initiated by
State of MCU
Exited by
Idle Mode
Software
(Set IDL bit in
PCON)
CLK is running.
Interrupts, serial port and tim-
ers/counters are active. Pro-
gram Counter is stopped.
ALE and PSEN# signals at a
HIGH level during Idle. All
registers remain unchanged.
Enabled interrupt or hardware reset.
Start of interrupt clears IDL bit and
exits Idle mode, after the ISR RETI
instruction, program resumes execu-
tion beginning at the instruction follow-
ing the one that invoked Idle mode. A
user could consider placing two or
three NOP instructions after the
instruction that invokes idle mode to
eliminate any problems. A hardware
reset restarts the device similar to a
power-on reset.
Power Down
Mode
Software
(Set PD bit in
PCON)
CLK is stopped. On-chip
SRAM and SFR data is main-
tained. ALE and PSEN# sig-
nals at a LOW level during
Power Down. External Inter-
rupts are only active for level
sensitive interrupts, if
enabled.
Enabled external level sensitive inter-
rupt or hardware reset. Start of inter-
rupt clears PD bit and exits Power
Down mode, after the ISR RETI
instruction program resumes execution
beginning at the instruction following
the one that invoked Power Down
mode. A user could consider placing
two or three NOP instructions after the
instruction that invokes Power Down
mode to eliminate any problems. A
hardware reset restarts the device sim-
ilar to a power-on reset.
Standby (Stop
Clock) Mode
External hardware gates OFF
the external clock input to the
MCU. This gating should be
synchronized with an input
clock transition (low-to-high or
high-to-low).
CLK is frozen. On-chip SRAM
and SFR data is maintained.
ALE and PSEN# are main-
tained at the levels prior to
the clock being frozen.
Gate ON external clock. Program exe-
cution resumes at the instruction fol-
lowing the one during which the clock
was gated off.
T9-2.6 384


Número de pieza similar - SST89E564-40-C-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E564RD-25-C-NI SST-SST89E564RD-25-C-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD-25-C-NJ SST-SST89E564RD-25-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD-25-C-PI SST-SST89E564RD-25-C-PI Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

Descripción similar - SST89E564-40-C-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com