Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1386P Datasheet(PDF) 10 Page - Sony Corporation

No. de pieza CXA1386P
Descripción Electrónicos  8-bit 75MSPS Flash A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1386P Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA1386P Datasheet HTML 6Page - Sony Corporation CXA1386P Datasheet HTML 7Page - Sony Corporation CXA1386P Datasheet HTML 8Page - Sony Corporation CXA1386P Datasheet HTML 9Page - Sony Corporation CXA1386P Datasheet HTML 10Page - Sony Corporation CXA1386P Datasheet HTML 11Page - Sony Corporation CXA1386P Datasheet HTML 12Page - Sony Corporation CXA1386P Datasheet HTML 13Page - Sony Corporation CXA1386P Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
– 10 –
CXA1386P/K
Power Supply Current Test Circuit
Analog input bias current test circuit
CXA1386P
A
A
22
23
24
25
26
27
28
15
16
17
18
19
20
21
2
3
4
5
6
7
8
9
10
11
12
13
14
1
IIN
IEE
–5.2V
–1V
–2V
8 9 10 11 12 13 14 15 16 17
CXA1386K
7
38 37 36 35 34 33 32 31 30 29
28
27
26
25
24
23
22
21
20
19
18
39
40
41
42
43
44
1
2
3
4
5
6
–2V
A
–1V
IIN
A IEE
–5.2V
Sampling delay test circuit
Aperture jitter test circuit
Aperture jitter test method
CXA1386
P/K
OSC1
φ: Variable
OSC2
Logic
Analizer
37.5MHz
37.5MHz
Amp
ECL
Buffer
CLK
VIN
8
fr
1024
samples
VIN
σ (LSB)
CLK
VIN
CLK
t
∆v
∆t
0V
–1V
–2V
129
128
127
126
125
Aperture jitter
Where
σ (unit: LSB) is the deviation of the output codes when the input
frequency is exactly the same as the clock and is sampled at the
largest slew rate point.
Taj =
σ/
=
σ/(
),
∆t
∆υ
2
256
× 2πf
Aperture jitter is defined as follows:


Número de pieza similar - CXA1386P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1389AQ SONY-CXA1389AQ Datasheet
339Kb / 8P
   Cable Driver for Digital Transfer
More results

Descripción similar - CXA1386P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Sony Corporation
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com