Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM25V20-DG Datasheet(PDF) 10 Page - Ramtron International Corporation

No. de pieza FM25V20-DG
Descripción Electrónicos  2Mb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMTRON [Ramtron International Corporation]
Página de inicio  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V20-DG Datasheet(HTML) 10 Page - Ramtron International Corporation

Back Button FM25V20-DG Datasheet HTML 6Page - Ramtron International Corporation FM25V20-DG Datasheet HTML 7Page - Ramtron International Corporation FM25V20-DG Datasheet HTML 8Page - Ramtron International Corporation FM25V20-DG Datasheet HTML 9Page - Ramtron International Corporation FM25V20-DG Datasheet HTML 10Page - Ramtron International Corporation FM25V20-DG Datasheet HTML 11Page - Ramtron International Corporation FM25V20-DG Datasheet HTML 12Page - Ramtron International Corporation FM25V20-DG Datasheet HTML 13Page - Ramtron International Corporation FM25V20-DG Datasheet HTML 14Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
FM25V20 - 2Mb SPI F-RAM
Rev. 3.0
August 2012
Page 10 of 17
Endurance
The FM25V20 device is capable of being accessed at
least 10
14 times, reads or writes. An F-RAM memory
operates
with a read and restore
mechanism.
Therefore, an endurance cycle is applied on a row
basis for each access (read or write) to the memory
array. The F-RAM architecture is based on an array
of rows and columns. Rows are defined by A17-A3
and column addresses by A2-A0.
See Block
Diagram (pg 2) which shows the array as 32K rows
of 64-bits each. The entire row is internally accessed
once whether a single byte or all eight bytes are read
or written. Each byte in the row is counted only once
in an endurance calculation. The table below shows
endurance calculations for 64-byte repeating loop,
which includes an op-code, a starting address, and a
sequential 64-byte data stream. This causes each byte
to experience one endurance cycle through the loop.
F-RAM read and write endurance is virtually
unlimited even at 40MHz clock rate.
Table 6. Time to Reach 100 Trillion Cycles for Repeating 64-byte Loop
SCK Freq
(MHz)
Endurance
Cycles/sec.
Endurance
Cycles/year
Years to Reach
10
14 Cycles
40
73,520
2.32 x 10
12
43.1
10
18,380
5.79 x 10
11
172.7
5
9,190
2.90 x 10
11
345.4


Número de pieza similar - FM25V20-DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
FM25V20-DG CYPRESS-FM25V20-DG Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
FM25V20-DGTR CYPRESS-FM25V20-DGTR Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
More results

Descripción similar - FM25V20-DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25H20 RAMTRON-FM25H20 Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com