Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM33256B-GTR Datasheet(PDF) 2 Page - Ramtron International Corporation

No. de pieza FM33256B-GTR
Descripción Electrónicos  3V Integrated Processor Companion with F-RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMTRON [Ramtron International Corporation]
Página de inicio  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM33256B-GTR Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM33256B-GTR Datasheet HTML 1Page - Ramtron International Corporation FM33256B-GTR Datasheet HTML 2Page - Ramtron International Corporation FM33256B-GTR Datasheet HTML 3Page - Ramtron International Corporation FM33256B-GTR Datasheet HTML 4Page - Ramtron International Corporation FM33256B-GTR Datasheet HTML 5Page - Ramtron International Corporation FM33256B-GTR Datasheet HTML 6Page - Ramtron International Corporation FM33256B-GTR Datasheet HTML 7Page - Ramtron International Corporation FM33256B-GTR Datasheet HTML 8Page - Ramtron International Corporation FM33256B-GTR Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
FM33256B SPI Companion w/ FRAM
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
www.ramtron.com
Rev. 3.0
Aug. 2012
Page 2 of 28
Pin Configuration
Pin Name
Function
/CS
Chip Select
SCK
Serial Clock
SI
Serial Data Input
SO
Serial Data Output
PFI
Power Fail Input
PFO
Power Fail Output (NMI)
CNT
Event Counter Input
ACS
Alarm/Calibration/SqWave
/RST
Reset Input/Output
X1, X2
External
Crystal
Connections
(optional)
VDD
Supply Voltage
VBAK
Battery-Backup Supply
VSS
Ground
Pin Descriptions
Pin Name
Type
Pin Description
/CS
Input
Chip Select: This active low input activates the device. When high, the device enters low-
power standby mode, ignores the SCK and SI inputs, and the SO output is tri-stated.
When low, the device internally activates the SCK signal. A falling edge on /CS must
occur prior to every op-code.
SCK
Input
Serial Clock: All I/O activity is synchronized to the serial clock. Inputs are latched on the
rising edge and outputs occur on the falling edge. Since the device is static, the clock
frequency may be any value between 0 and 16 MHz and may be interrupted at any time.
SI
Input
Serial Input: All data is input to the device on this pin. The pin is sampled on the rising
edge of SCK and is ignored at other times. It should always be driven to a valid logic level
to meet IDD specifications. The SI pin may be connected to SO for a single pin data
interface.
SO
Output
Serial Output: This is the data output pin. It is driven during a read and remains tri-stated
at all other times. Data transitions are driven on the falling edge of the serial clock. The
SO pin may be connected to SI for a single pin data interface.
CNT
Input
Event Counter Input: This input increments the counter when an edge is detected on this
pin. The polarity is programmable and the counter value is nonvolatile or battery-backed,
depending on the mode. This pin should be tied to ground if unused.
ACS
Output
Alarm/Calibration/SquareWave: This is an open-drain output that requires an external
pullup resistor. In normal operation, this pin acts as the active-low alarm output. In
Calibration mode, a 512 Hz square-wave is driven out. In SquareWave mode, the user
may select a frequency of 1, 512, 4096, or 32768 Hz to be used as a continuous output.
The SquareWave mode is entered by clearing the AL/SW and CAL bits in register 18h.
X1, X2
I/O
32.768 kHz crystal connection (see Crystal Type section for suggestions). See AN407
app. note for details on how to connect external oscillator.
/RST
I/O
Reset: This active-low output is open drain with weak pull-up. It is also an input when
used as a manual reset. This pin should be left floating if unused.
PFI
Input
Early Power-fail Input: Typically connected to an unregulated power supply to detect an
early power failure. This pin must be tied to ground if unused.
PFO
Output
Early Power-fail Output: This pin is the early power-fail output and is typically used to
drive a microcontroller NMI pin. PFO drives low when the PFI voltage is <1.5V.
VBAK
Supply
Backup supply voltage: A 3V battery or a large value capacitor. If no backup supply is
used, this pin should be tied to VSS and the VBC bit should be cleared. The trickle charger
is UL recognized and ensures no excessive current when using a lithium battery.
VDD
Supply
Supply Voltage.
VSS
Supply
Ground
VDD
PFI
ACS
SCK
PFO
SI
RST
VSS
X1
VBAK
CNT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
X2
SO
CS


Número de pieza similar - FM33256B-GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM33256B RAMTRON-FM33256B Datasheet
1Mb / 8P
   Nonvolatile F-RAM Memory Module (TWR-FRAM)
logo
Cypress Semiconductor
FM33256B CYPRESS-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
FM33256B CYPRESS-FM33256B Datasheet
859Kb / 30P
   3V Integrated Processor Companion with F-RAM
More results

Descripción similar - FM33256B-GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
FM31L278 CYPRESS-FM31L278 Datasheet
859Kb / 30P
   3V Integrated Processor Companion with F-RAM
FM33256B CYPRESS-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278_11 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L276 CYPRESS-FM31L276 Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
FM3164-GTR CYPRESS-FM3164-GTR Datasheet
579Kb / 33P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com