Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1390AQ Datasheet(PDF) 3 Page - Sony Corporation

No. de pieza CXA1390AQ
Descripción Electrónicos  S/H and AGC for CCD Camera
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1390AQ Datasheet(HTML) 3 Page - Sony Corporation

  CXA1390AQ Datasheet HTML 1Page - Sony Corporation CXA1390AQ Datasheet HTML 2Page - Sony Corporation CXA1390AQ Datasheet HTML 3Page - Sony Corporation CXA1390AQ Datasheet HTML 4Page - Sony Corporation CXA1390AQ Datasheet HTML 5Page - Sony Corporation CXA1390AQ Datasheet HTML 6Page - Sony Corporation CXA1390AQ Datasheet HTML 7Page - Sony Corporation CXA1390AQ Datasheet HTML 8Page - Sony Corporation CXA1390AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
– 3 –
CXA1390AQ/AR
8
9
11
12
21
22
25
31
32
CS CCD SL
CS CCD GC
CSAGC GC
CSAGC SL
IRIS LEVEL
IRIS GC
DET LEVEL
AGC CONT
AGC MAX
Level adjustment pin of high
luminance detection pin of the
input signal
Gain adjustment pin of input
signal high luminance part
Gain adjustment pin of high
luminance port after AGC
Level adjustment pin of high
luminance detection after AGC
Adjustment pin of IRIS output
weighting (Active at WND = L)
Gain adjustment pin of IRIS
output
Adjustment pin of DET output
weighting (Active at WND = L)
AGC amplifier gain
adjustment pin
AGC amplifier MAX gain
adjustment pin
CLP1 pulse input pin
Active at H (OPB clamp)
Pre BLK pulse input pin
Active at L
Window pulse input pin
Active at L
CLP4 pulse input pin
Active at H
Regulator output pin
(Used for the formation of
AGC and IRIS loop)
Operation amplifier non
inverted input pin
Operation amplifier inverted
input pin
(Test mode at 0V)
H: 4V and above
L: 1V and below
2.6 to 3.1V
1 to 3.3V
13
CLP1
14
P BLK
15
WND
36
CLP4
16
VG OUT
28
OP IN +
29
OP IN –
130
8
9
11
12
21
22
25
31
32
130
13
14
130
15
36
100µA
16
28
29
130
130
PIn
No.
Symbol
Voltage
Equivalent circuit
Description


Número de pieza similar - CXA1390AQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1391Q SONY-CXA1391Q Datasheet
735Kb / 33P
   Processing IC for Complementary Color Mosaic CCD Camera
CXA1391R SONY-CXA1391R Datasheet
735Kb / 33P
   Processing IC for Complementary Color Mosaic CCD Camera
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
CXA1398M SONY-CXA1398M Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
CXA1398P SONY-CXA1398P Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
More results

Descripción similar - CXA1390AQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1439M SONY-CXA1439M Datasheet
141Kb / 8P
   CDS FOR CCD CAMERA
logo
Sharp Corporation
YH-7B58 SHARP-YH-7B58 Datasheet
386Kb / 16P
   SPECIPICATION FOR COLOR CCD CAMERA
logo
Sony Corporation
CXD2463R SONY-CXD2463R Datasheet
414Kb / 37P
   Timing Controller for CCD Camera
CXA1592Q SONY-CXA1592Q Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
logo
Sharp Corporation
YH-7C12 SHARP-YH-7C12 Datasheet
306Kb / 14P
   SPECIFICATION FOR CCD CAMERA MODULE
logo
Panasonic Semiconductor
AN2130 PANASONIC-AN2130 Datasheet
641Kb / 7P
   Video Camera Gamma Correction and AGC Circuits
logo
A1 PROs co., Ltd.
AI4402 A1PROS-AI4402 Datasheet
190Kb / 14P
   Signal Processor for CCD Monochrome Camera
Ver1.0
logo
Rohm
BD6039GU ROHM-BD6039GU Datasheet
619Kb / 25P
   Power Supply for CCD Camera Module
BD6029GU ROHM-BD6029GU_10 Datasheet
515Kb / 20P
   Power Supply for CCD Camera Module
logo
Hamamatsu Corporation
C4880-20 HAMAMATSU-C4880-20 Datasheet
120Kb / 2P
   Digital CCD Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com