Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E554RC-40-I-NJ Datasheet(PDF) 58 Page - Silicon Storage Technology, Inc

No. de pieza SST89E554RC-40-I-NJ
Descripción Electrónicos  FlashFlex51 MCU
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E554RC-40-I-NJ Datasheet(HTML) 58 Page - Silicon Storage Technology, Inc

Back Button SST89E554RC-40-I-NJ Datasheet HTML 54Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NJ Datasheet HTML 55Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NJ Datasheet HTML 56Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NJ Datasheet HTML 57Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NJ Datasheet HTML 58Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NJ Datasheet HTML 59Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NJ Datasheet HTML 60Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NJ Datasheet HTML 61Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NJ Datasheet HTML 62Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 58 / 62 page
background image
58
Preliminary Specifications
FlashFlex51 MCU
SST89E564RD / SST89V564RD / SST89E554RC / SST89V554RC
©2001 Silicon Storage Technology, Inc.
S71207-00-000
9/01
555
FIGURE
11-8: EXTERNAL DATA MEMORY WRITE CYCLE
FIGURE
11-9: EXTERNAL CLOCK DRIVE WAVEFORM
TABLE
11-6: EXTERNAL CLOCK DRIVE
Symbol
Parameter
Oscillator
Units
25MHz
40MHz
Variable
MinMax
MinMax
Min
Max
1/TCLCL
Oscillator Frequency
0
40
MHz
TCHCX
High Time
0.35TCLCL
0.65TCLCL
ns
TCLCX
Low Time
0.35TCLCL
0.65TCLCL
ns
TCLCH
Rise Time
20
10
ns
TCHCL
Fall Time
20
10
ns
T11-6.0 555
555 ILL F29.0
PORT 2
PORT 0
WR#
PSEN#
ALE
TLHLL
P2[7:0] or A15-A8 FROM DPH
A7-A0 FROM RI or DPL
DATA OUT
INSTR IN
TAVLL
TAVWL
TLLWL
TLLAX
TQVWX
TWLWH
TQVWH
TWHQX
TWHLH
A15-A8 FROM PCH
A7-A0 FROM PCL
0.2 VDD -0.1
0.45 V
TCHCL
TCLCL
TCLCH
TCLCX
TCHCX
0.7 VDD
VDD = -0.5
555 ILL F30.0


Número de pieza similar - SST89E554RC-40-I-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E554RC-40-I-NJ SST-SST89E554RC-40-I-NJ Datasheet
962Kb / 90P
   FlashFlex MCU
SST89E554RC-40-I-NJ SST-SST89E554RC-40-I-NJ Datasheet
1Mb / 86P
   FlashFlex51 MCU
More results

Descripción similar - SST89E554RC-40-I-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com