Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E564-40-I-NJ Datasheet(PDF) 44 Page - Silicon Storage Technology, Inc

No. de pieza SST89E564-40-I-NJ
Descripción Electrónicos  FlashFlex51 MCU
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E564-40-I-NJ Datasheet(HTML) 44 Page - Silicon Storage Technology, Inc

Back Button SST89E564-40-I-NJ Datasheet HTML 40Page - Silicon Storage Technology, Inc SST89E564-40-I-NJ Datasheet HTML 41Page - Silicon Storage Technology, Inc SST89E564-40-I-NJ Datasheet HTML 42Page - Silicon Storage Technology, Inc SST89E564-40-I-NJ Datasheet HTML 43Page - Silicon Storage Technology, Inc SST89E564-40-I-NJ Datasheet HTML 44Page - Silicon Storage Technology, Inc SST89E564-40-I-NJ Datasheet HTML 45Page - Silicon Storage Technology, Inc SST89E564-40-I-NJ Datasheet HTML 46Page - Silicon Storage Technology, Inc SST89E564-40-I-NJ Datasheet HTML 47Page - Silicon Storage Technology, Inc SST89E564-40-I-NJ Datasheet HTML 48Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
44
Preliminary Specifications
FlashFlex51 MCU
SST89E564 / SST89V564 / SST89E554 / SST89V554
©2001 Silicon Storage Technology, Inc.
S71181-03-000
9/01
384
9.5 Power-Saving Modes
The device provides three power saving modes of opera-
tion for applications where power consumption is critical.
The three power saving modes are: Idle, Power Down and
Standby (Stop Clock).
9.5.1 Idle Mode
Idle mode is entered setting the IDL bit in the PCON regis-
ter. In Idle mode, the program counter (PC) is stopped. The
system clock continues to run and all interrupts and periph-
erals remain active. The on-chip RAM and the special func-
tion registers hold their data during this mode.
The device exits Idle mode through either a system inter-
rupt or a hardware reset. Exiting Idle mode via system
interrupt, the start of the interrupt clears the IDL bit and
exits Idle mode. After exit the Interrupt Service Routine, the
interrupted program resumes execution beginning at the
instruction immediately following the instruction which
invoked the Idle mode. A hardware reset starts the device
similar to a power-on reset.
9.5.2 Power Down Mode
The Power Down mode is entered by setting the PD bit in
the PCON register. In the Power Down mode, the clock is
stopped and external interrupts are active for level sensitive
interrupts only. To retain the on-chip RAM and all of the spe-
cial function registers’ values, the minimum VDD level is 2.0V.
The device exits Power Down mode through either an
enabled external level sensitive interrupt or a hardware
reset. The start of the interrupt clears the PD bit and exits
Power Down. Holding the external interrupt pin low restarts
the oscillator, the signal must hold low at least 1024 clock
cycles before bringing back high to complete the exit. After
exit the interrupt service routine program execution
resumes beginning at the instruction immediately following
the instruction which invoked Power Down mode. A hard-
ware reset starts the device similar to power-on reset.
To exit properly out of Power Down, the reset or external
interrupt should not be executed before the VDD line is
restored to its normal operating voltage. Be sure to hold
VDD voltage long enough at its normal operating level for
the oscillator to restart and stabilize (normally less than
10 ms).
9.5.3 Standby Mode (Stop Clock)
Standby mode is similar to Power Down mode, except that
Power Down mode is initiated by a software command and
Standby mode is initiated by external hardware gating off
the external clock to the device.The on-chip SRAM and
SFR data are maintained in Standby mode. The device
resumes operation at the next instruction when the clock is
reapplied to the part.
Table 9-2 outlines the different power-saving modes, includ-
ing entry and exit procedures and MCU functionality.
TABLE
9-1: INTERRUPT POLLING SEQUENCE
Description
Interrupt Flag
Vector
Address
Interrupt
Enable
Interrupt
Priority
Arbitration
Ranking
Wake-Up
Power Down
Ext. Int0
IE0
0003H
EX0
PX0/H
1(highest)
yes
Brown-out
BOF
004BH
EBO
PBO/H
2
no
T0
TF0
000BH
ET0
PT0/H
3
no
Ext. Int1
IE1
0013H
EX1
PX1/H
4
yes
T1
TF1
001BH
ET1
PT1/H
5
no
UART/SPI
TI/RI/SPIF
0023H
ES
PS/H
6
no
T2
TF2, EXF2
002BH
ET2
PT2/H
7
no
T9-1.2 384


Número de pieza similar - SST89E564-40-I-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E564RD-25-C-NI SST-SST89E564RD-25-C-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD-25-C-NJ SST-SST89E564RD-25-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD-25-C-PI SST-SST89E564RD-25-C-PI Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

Descripción similar - SST89E564-40-I-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com