Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1538M Datasheet(PDF) 10 Page - Sony Corporation

No. de pieza CXA1538M
Descripción Electrónicos  FM STEREO/AM RADIO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1538M Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA1538M Datasheet HTML 6Page - Sony Corporation CXA1538M Datasheet HTML 7Page - Sony Corporation CXA1538M Datasheet HTML 8Page - Sony Corporation CXA1538M Datasheet HTML 9Page - Sony Corporation CXA1538M Datasheet HTML 10Page - Sony Corporation CXA1538M Datasheet HTML 11Page - Sony Corporation CXA1538M Datasheet HTML 12Page - Sony Corporation CXA1538M Datasheet HTML 13Page - Sony Corporation CXA1538M Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
—10—
CXA1538M/N/S
Notes on Usage
1. VCO free run frequency adjustment method
As this IC has built-in oscillation capacitance, the oscillation frequency can be controlled with an external
resistor.
1) VCO Adjustment Method
Pin 4 is the stereo indicator and VCO check pin. Therefore, in stereo mode (when stereo indicator drive
Tr Q2 is switched on), pin 4 voltage lowers down, Q1 is cut off and VCO oscillation waveform can not be
seen. In AM mode as well, the oscillation waveform can not be seen as VCO turns off.
Adjust the free run frequency at 76 kHz ±50 Hz.
In this IC, tuner and MPX sections are directly connected. Therefore, free run frequency is not stable, being
affected by noise except in reception mode. For free run adjustment, input signals from either RF or IF.
(Input signal should be RF [Tuning frequency] or fo of the discriminator using IF (10.7 MHz) and input
more than 60 dBµ.)
2) How to Deal with pin 4 After Adjustment.
With the use of a stereo indicator.
When VCC is 3 V or more, insert a bypass resistance
R to prevent LED malfunction.
Without the use of a stereo indicator.
Turn pin 4 to open or connect to GND.
3) Control Resistor of VCO Oscillation Frequency
For the VCO control resistor of this iC, a carbon film resistor suffices.
For easier adjustment of temperature characteristics and VCO free run frequency, the following
combination is recommended.
27
28
10k
22k
Capacitor for decoupling
Q1
Q2
33k
VCC
about 180mVp-p
4
2.2k
VCC=3V
4
OPEN
4
4
27
28
10k
22k
2.2k
R
VCC
>3V
4


Número de pieza similar - CXA1538M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1534Q SONY-CXA1534Q Datasheet
449Kb / 20P
   US AUDIO MULTIPLEXING DECODER IC
CXA1534S SONY-CXA1534S Datasheet
449Kb / 20P
   US AUDIO MULTIPLEXING DECODER IC
CXA1536Q SONY-CXA1536Q Datasheet
308Kb / 16P
   8 mm VCR AFM STEREO MATRIX
More results

Descripción similar - CXA1538M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5712 PHILIPS-TEA5712 Datasheet
400Kb / 28P
   AM/FM stereo DTS radio circuit
September 1994
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
BA1451F ROHM-BA1451F Datasheet
134Kb / 8P
   AM radio / FM IF stereo system IC
BA1450S ROHM-BA1450S Datasheet
181Kb / 10P
   AM radio / FM IF stereo system IC
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com