Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1538N Datasheet(PDF) 8 Page - Sony Corporation

No. de pieza CXA1538N
Descripción Electrónicos  FM STEREO/AM RADIO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1538N Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA1538N Datasheet HTML 4Page - Sony Corporation CXA1538N Datasheet HTML 5Page - Sony Corporation CXA1538N Datasheet HTML 6Page - Sony Corporation CXA1538N Datasheet HTML 7Page - Sony Corporation CXA1538N Datasheet HTML 8Page - Sony Corporation CXA1538N Datasheet HTML 9Page - Sony Corporation CXA1538N Datasheet HTML 10Page - Sony Corporation CXA1538N Datasheet HTML 11Page - Sony Corporation CXA1538N Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
—8—
CXA1538M/N/S
Input signal level (dB
µV)
Input signal level (dBm)
0
–10
–20
–30
–40
–50
–60
0
–10
–20
–30
–40
–50
–60
5
4
3
2
1
5
4
3
2
1
10
20
30
40
50
60
70
80
90
100
110
10
20
30
40
50
60
70
80
90
100
110
FM I/O characteristics
AM I/O characteristics
SIGNAL (STEREO)
SIGNAL (MONO)
VCC
FREO
MODE
DEV
3V
98MHz
400Hz
22.5kHz
VCC
FREO
MOD
3V
1000kHz
400Hz, 30%
SEPARATION
L
→ R
R
→ L
NOISE(STEREO) (WITH LPF)
NOISE(MONO)
DISTORTION(MONO)
SIGNAL
DISTORTION
NOISE
73
74
75
76
77
78
79
45
40
VCO - free-running frequency (kHz)
0
20
40
60
80
79
78
77
76
75
Ta - Ambient temperarure (
°C)
Vin3=90dB
µV 10.7MHz
fmod = 1kHz 22.5kHz dev
Pilot ON
Vin3=90dB
µV 10.7MHz CW


Número de pieza similar - CXA1538N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1534Q SONY-CXA1534Q Datasheet
449Kb / 20P
   US AUDIO MULTIPLEXING DECODER IC
CXA1534S SONY-CXA1534S Datasheet
449Kb / 20P
   US AUDIO MULTIPLEXING DECODER IC
CXA1536Q SONY-CXA1536Q Datasheet
308Kb / 16P
   8 mm VCR AFM STEREO MATRIX
More results

Descripción similar - CXA1538N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5712 PHILIPS-TEA5712 Datasheet
400Kb / 28P
   AM/FM stereo DTS radio circuit
September 1994
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
BA1451F ROHM-BA1451F Datasheet
134Kb / 8P
   AM radio / FM IF stereo system IC
BA1450S ROHM-BA1450S Datasheet
181Kb / 10P
   AM radio / FM IF stereo system IC
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com