Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E554RC-40-I-TQJ Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

No. de pieza SST89E554RC-40-I-TQJ
Descripción Electrónicos  FlashFlex51 MCU
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E554RC-40-I-TQJ Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST89E554RC-40-I-TQJ Datasheet HTML 13Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 14Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 15Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 16Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 17Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 18Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 19Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 20Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E564RD / SST89V564RD / SST89E554RC / SST89V554RC
17
©2001 Silicon Storage Technology, Inc.
S71207-00-000
9/01
555
Symbol
Function
SECD1
Security bit 1.
SECD2
Security bit 2.
SECD3
Security bit 3.
Please refer to Table 4-6 for security lock options.
FLASH_BUSY Flash operation completion polling bit.
1: Device is busy with flash operation.
0: Device has fully completed the last command.
Symbol
Function
IAPEN
Enable IAP operation
0: IAP commands are disabled
1: IAP commands are enabled
SWR
Software Reset
See “10.2 Software Reset” on page 47
BSEL
Program memory block switching bit
See Figures 3-1 and 3-2.
Symbol
Function
FIE
Flash Interrupt Enable.
0: INT1# is not reassigned.
1: INT1# is re-assigned to signal IAP operation completion.
External INT1# interrupts are ignored.
FCM[6:0]
Flash operation command
000_1011b Sector-Erase
000_1101b Block-Erase
000_1100b Byte-Verify1
000_1110b Byte-Program
000_1111b Prog-SB1
000_0011b Prog-SB2
000_0101b Prog-SB3
000_1001b Prog-SC0
All other combinations are not implemented, and reserved for future use.
1. Byte-Verify has a single machine cycle latency and will not generate any INT1# interrupt regardless of
FIE.
SuperFlash Status Register (SFST) (Read Only Register)
Location
76543
2
1
0
Reset Value
0B6H
SECD1
SECD2
SECD3
-
-
FLASH_BUSY
-
-
xxxxx0xxb
SuperFlash Configuration Register (SFCF)
Location
76543210
Reset Value
0B1H
-
IAPEN
----
SWR
BSEL
x0xxxxxxb
SuperFlash Command Register (SFCM)
Location
7
6543210
Reset Value
0B2H
FIE
FCM6
FCM5
FCM4
FCM3
FCM2
FCM1
FCM0
00000000b


Número de pieza similar - SST89E554RC-40-I-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E554RC-40-I-TQJ SST-SST89E554RC-40-I-TQJ Datasheet
962Kb / 90P
   FlashFlex MCU
SST89E554RC-40-I-TQJ SST-SST89E554RC-40-I-TQJ Datasheet
1Mb / 86P
   FlashFlex51 MCU
More results

Descripción similar - SST89E554RC-40-I-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com