Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC5404DW Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPIC5404DW
Descripción Electrónicos  H-BRIDGE POWER DMOS ARRAY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5404DW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC5404DW Datasheet HTML 4Page - Texas Instruments TPIC5404DW Datasheet HTML 5Page - Texas Instruments TPIC5404DW Datasheet HTML 6Page - Texas Instruments TPIC5404DW Datasheet HTML 7Page - Texas Instruments TPIC5404DW Datasheet HTML 8Page - Texas Instruments TPIC5404DW Datasheet HTML 9Page - Texas Instruments TPIC5404DW Datasheet HTML 10Page - Texas Instruments TPIC5404DW Datasheet HTML 11Page - Texas Instruments TPIC5404DW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TPIC5404
HBRIDGE POWER DMOS ARRAY
SLIS023B − MARCH 1994 − REVISED SEPTEMBER 1995
2−8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
VSD − Source-to-Drain Voltage − V
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
150
100
50
0
200
250
300
010
20
30
40
500
450
400
350
VDS − Drain-to-Source Voltage − V
Coss
Crss
Ciss
0.6
0.4
0.2
0.1
1
2
4
10
6
0.1
10
1
TJ = − 40°C
TJ = 25°C
TJ = 75°C
f = 1 MHz
TJ = 25°C
TJ = 150°C
TJ = 125°C
Figure 11
Figure 12
REVERSE-RECOVERY TIME
vs
REVERSE di/dt
Reverse di/dt − A/
µs
200
100
50
0
0
100
200
300
400
500
300
350
400
600
700
250
150
Q2 and Q4
IS = 1 A
TJ = 25°C
See Figure 1
Q1 and Q3
DRAIN-TO-SOURCE VOLTAGE AND
GATE-TO-SOURCE VOLTAGE
vs
GATE CHARGE
Qg − Gate Charge − nC
01
234
5
6
7
8
30
20
10
0
40
50
60
70
ID = 1 A
TJ = 25°C
See Figure 3
VDD = 30 V
VDD = 20 V
6
4
2
0
8
10
12
14
VDD = 48 V
VDD = 20 V
Figure 13
Figure 14


Número de pieza similar - TPIC5404DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401 Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401DW TI1-TPIC5401DW Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401NE TI1-TPIC5401NE Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
More results

Descripción similar - TPIC5404DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC1310 TI-TPIC1310 Datasheet
231Kb / 11P
[Old version datasheet]   3-HALF H-BRIDGE GATE PROTECTED POWER DMOS ARRAY
TPIC1301 TI1-TPIC1301 Datasheet
269Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5421L TI1-TPIC5421L Datasheet
299Kb / 16P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5601 TI1-TPIC5601 Datasheet
228Kb / 13P
[Old version datasheet]   3-PHASE BRIDGE POWER DMOS ARRAY
logo
International Rectifier
IR8200B IRF-IR8200B Datasheet
87Kb / 1P
   3A, 55V DMOS H-BRIDGE
logo
Texas Instruments
TPIC5201 TI1-TPIC5201 Datasheet
242Kb / 12P
[Old version datasheet]   DUAL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com