Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2115A-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2115A-Q1
Descripción Electrónicos  AUTO-SWITCHING POWER MULTIPLEXER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2115A-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2115A-Q1 Datasheet HTML 1Page - Texas Instruments TPS2115A-Q1 Datasheet HTML 2Page - Texas Instruments TPS2115A-Q1 Datasheet HTML 3Page - Texas Instruments TPS2115A-Q1 Datasheet HTML 4Page - Texas Instruments TPS2115A-Q1 Datasheet HTML 5Page - Texas Instruments TPS2115A-Q1 Datasheet HTML 6Page - Texas Instruments TPS2115A-Q1 Datasheet HTML 7Page - Texas Instruments TPS2115A-Q1 Datasheet HTML 8Page - Texas Instruments TPS2115A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ELECTRICAL CHARACTERISTICS
TPS2115A-Q1
www.ti.com........................................................................................................................................................................................... SBVS124 – NOVEMBER 2008
over operating free-air temperature range, VI(IN1) = VI(IN2) = 5.5 V, RILIM = 400 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Switch (1)
VI(IN1) = VI(IN2) = 5.0 V
84
110
TA = 25°C, IL = 500 mA
VI(IN1) = VI(IN2) = 3.3 V
84
110
VI(IN1) = VI(IN2) = 2.8 V
84
110
Drain-source on-state
rDS(on)
m
resistance (INx to OUT)
VI(IN1) = VI(IN2) = 5.0 V
150
TA = 85°C, IL = 500 mA
VI(IN1) = VI(IN2) = 3.3 V
150
VI(IN1) = VI(IN2) = 2.8 V
150
Logic Inputs (D0 and D1)
D0 or D1 = high, sink current
1
II
Input current at D0 or D1
µA
D0 or D1 = low, source current
0.5
1.4
5
Supply and Leakage Currents
D1 = high, D0 = low (IN1 active), VI(IN1) = 5.5 V, VI(IN2) = 3.3 V, IO(OUT) = 0 A
55
90
D1 = high, D0 = low (IN1 active), VI(IN1) = 3.3 V, VI(IN2) = 5.5 V, IO(OUT) = 0 A
1
12
Supply current from IN1 (operating)
µA
D0 = D1 = low (IN2 active), VI(IN1) = 5.5 V, VI(IN2) = 3.3 V, IO(OUT) = 0 A
75
D0 = D1 = low (IN2 active), VI(IN1) = 3.3 V, VI(IN2) = 5.5 V, IO(OUT) = 0 A
1
D1 = high, D0 = low (IN1 active), VI(IN1) = 5.5 V, VI(IN2) = 3.3 V, IO(OUT) = 0 A
1
D1 = high, D0 = low (IN1 active), VI(IN1) = 3.3 V, VI(IN2) = 5.5 V, IO(OUT) = 0 A
75
Supply current from IN2 (operating)
µA
D0 = D1 = low (IN2 active), VI(IN1) = 5.5 V, VI(IN2) = 3.3 V, IO(OUT) = 0 A
1
12
D0 = D1 = low (IN2 active), VI(IN1) = 3.3 V, VI(IN2) = 5.5 V, IO(OUT) = 0 A
55
90
VI(IN1) = 5.5 V, VI(IN2) = 3.3 V
0.5
2
Quiescent current from IN1 (standby)
D0 = D1 = high (inactive), IO(OUT) = 0 A
µA
VI(IN1) = 3.3 V, VI(IN2) = 5.5 V
1
VI(IN1) = 5.5 V, VI(IN2) = 3.3 V
1
Quiescent current from IN2 (standby)
D0 = D1 = high (inactive), IO(OUT) = 0 A
µA
VI(IN1) = 3.3 V, VI(IN2) = 5.5 V
0.5
2
Forward leakage current from IN1
D0 = D1 = high (inactive), VI(IN1) = 5.5 V, IN2 open, VO(OUT) = 0 V (shorted),
0.1
5
µA
(measured from OUT to GND)
TA = 25°C
Forward leakage current from IN2
D0 = D1= high (inactive), VI(IN2) = 5.5 V, IN1 open, VO(OUT) = 0 V (shorted),
0.1
5
µA
(measured from OUT to GND)
TA = 25°C
Reverse leakage current to INx
D0 = D1 = high (inactive), VI(INx) = 0 V, VO(OUT) = 5.5 V, TA = 25°C
0.3
5
µA
(measured from INx to GND)
Current Limit Circuit
RILIM = 400 Ω
0.95
1.25
1.56
Current limit accuracy
A
RILIM = 700 Ω
0.47
0.71
0.99
td
Current limit settling time
Time for short-circuit output current to settle within 10% of its steady state value
1
ms
II
Input current at ILIM
VI(ILIM) = 0 V, IO(OUT) = 0 A
–15
0
µA
UVLO
Falling edge
1.15
1.25
IN1 and IN2 UVLO
V
Rising edge
1.30
1.35
IN1 and IN2 UVLO hysteresis
30
57
65
mV
Falling edge
2.4
2.53
Internal VDD UVLO (the higher of IN1
V
and IN2)
Rising edge
2.58
2.8
Internal VDD UVLO hysteresis
30
50
75
mV
UVLO deglitch for IN1, IN2
Falling edge
110
µs
Reverse Conduction Blocking
Minimum input-to-output
D0 = D1 = high, VI(INx) = 3.3 V. Connect OUT to a 5-V supply through a series
ΔVIO(blk) voltage difference to block
1-k
Ω resistor. Set D0 = low. Slowly decrease the supply voltage until OUT
80
100
120
mV
switching
connects to IN1.
(1)
The TPS2115A can switch a voltage as low as 1.5 V as long as there is a minimum of 2.8 V at one of the input power pins. In this
specific case, the lower supply voltage has no effect on the IN1 and IN2 switch on-resistances.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2115A-Q1


Número de pieza similar - TPS2115A-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2115A TI-TPS2115A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBRG4 TI1-TPS2115ADRBRG4 Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBT TI1-TPS2115ADRBT Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results

Descripción similar - TPS2115A-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AX5214 ETC-AX5214 Datasheet
212Kb / 10P
   AUTO SWITCHING MODE
logo
uPI Group Inc.
UP7536 UPI-UP7536 Datasheet
741Kb / 17P
   Power Multiplexer
logo
Texas Instruments
TPS22933 TI1-TPS22933 Datasheet
1Mb / 25P
[Old version datasheet]   Triple-Input Power Multiplexer With Auto-Select and Low Drop-Out Voltage Regulator
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS22933A TI1-TPS22933A Datasheet
572Kb / 17P
[Old version datasheet]   Small, Triple-Input Power Multiplexer with Auto-Select and Low Drop-out Voltage Regulator
logo
List of Unclassifed Man...
2706B ETC2-2706B Datasheet
1Mb / 2P
   Auto power off
logo
National Semiconductor ...
100355 NSC-100355 Datasheet
148Kb / 10P
   Low Power Quad Multiplexer/Latch
F100364 NSC-F100364 Datasheet
217Kb / 8P
   Low Power 16-Input Multiplexer
logo
Texas Instruments
100364 TI1-100364 Datasheet
158Kb / 7P
[Old version datasheet]   Low Power 16-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com