Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS3807A30DCKT Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TPS3807A30DCKT Datasheet(HTML) 2 Page - Texas Instruments |
2 / 13 page www.ti.com ABSOLUTE MAXIMUM RATINGS DISSIPATION RATINGS RECOMMENDED OPERATING CONDITIONS TPS3807 SBVS061B – AUGUST 2005 – REVISED DECEMBER 2006 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) VDD NEGATIVE VDD POSITIVE SENSE THRESHOLD THRESHOLD THRESHOLD VOLTAGE VOLTAGE VOLTAGE PRODUCT (VDD IT–)(2) (VDD IT+)(2) (VSENSE IT) TPS3807A30DCKT(3) 3.00V 3.58V 1.225V TPS3807A30DCKR(4) 3.00V 3.58V 1.225V (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document or see the TI web site at www.ti.com. (2) Other voltage options are available upon request; minimum order quantities may apply. (3) DCKT passive indicates tape and reel containing 250 parts. (4) The DCKR passive indicates tape and reel containing 3000 parts. Over operating free-air temperature range, unless otherwise noted.(1) SENSE pin voltage(2) –0.3V to +5V MR –0.3V to VDD +0.3V RESET –0.3V to VDD +0.3V All other pins(2) –0.3V to +7V Maximum output current ±5mA Input clamp current, IIK (VSENSE < 0 or VSENSE > VDD) ±10mA Output clamp current, IOK (VO < 0 or VO > VDD) ±10mA Continuous total power dissipation See Dissipation Ratings table Junction temperature, TC –40 °C to +125°C Storage temperature range, TSTG –65 °C to +150°C Soldering temperature +260 °C ESD rating: Human body model (HBM) 2kV Charged device model (CDM) 500V (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to GND. For reliable operation, the device must not be continuously operated at 7V for more than t = 1000 hours. DERATING FACTOR TA < +25°C TA = +70°C TA = +80°C PACKAGE θ JA ABOVE TA = +25°C POWER RATING POWER RATING POWER RATING DCK +246 °C/W 2.6mW/ °C 406mW 223mW 167mW MIN MAX UNIT Supply voltage, VDD 1.8 6.5 V 0V ≤ V DD ≤ 4.2V 0 VDD + 0.3 Input voltage, VSENSE V VDD ≥ 4.2V 4.5 Operating free-air temperature range, TA –40 °C +85 °C °C 2 Submit Documentation Feedback |
Número de pieza similar - TPS3807A30DCKT |
|
Descripción similar - TPS3807A30DCKT |