Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3611GP Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

No. de pieza 1N3611GP
Descripción Electrónicos  Glass Passivated Junction Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Página de inicio  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1N3611GP Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  1N3611GP Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1N3611GP Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200V-1000V
1.0A
1N3611GP THRU 1N3614GP,1N3957GP
Maximum average forward rectified current
Maximum DC blocking voltage
V
Maximum RMS voltage
V
Maximum repetitive peak reverse voltage
V
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
• Superectifier
structure
for
high
reliability application
• Cavity-free glass-passivated junction
• Low forward voltage drop
• Low leakage current, IR less than 0.1 μA
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
Case: DO-204AL, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Ratings at 25°C ambient temperature unless otherwise specified.
1N
1N
1N
1N
1N
SYMBOLS
3611GP
3612GP
3613GP
3614GP
3957GP
UNITS
RRM
200
400
600
800
1000
Volts
RMS
140
280
420
560
700
Volts
DC
200
400
600
800
1000
Amps
0.375" (9.5mm) lead length at TA=75°C
I(AV)
1.0
Amps
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
30.0
Amps
Maximum instantaneous forward voltage at 1.0A
VF
1.0
Volts
A=25°C
1.0
at rated DC blocking voltage
TA=150°C
IR
300.0
µA
Typical reverse recovery time (NOTE 1)
trr
2.0
µs
Typical junction capacitance (NOTE 2)
CJ
8.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
55.0
°C/W
R
ΘJL
25.0
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr =0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted
* JEDEC registered values
Glass Passivated Junction Rectifier


Número de pieza similar - 1N3611GP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Semiconductor
1N3611GP GE-1N3611GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N3611GP VISHAY-1N3611GP Datasheet
76Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 15-Mar-11
1N3611GP VISHAY-1N3611GP Datasheet
101Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
1N3611GP VISHAY-1N3611GP_V01 Datasheet
101Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results

Descripción similar - 1N3611GP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com