Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N3611GP Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
1N3611GP Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd |
2 / 2 page 200V-1000V 1.0A RATINGS AND CHARACTERISTIC CURVES 1N3611GP THRU 1N3614GP ,1N3957GP Glass Passivated Junction Rectifier E-mail: sales@taychipst.com Web Site: www.taychipst.com 2 of 2 Fig. 1 - Max. Forward Current Derating Fig. 2 - Maximum Non-repetitive Peak Forward Surge Current 0 0.2 0.4 0.6 0.8 1.0 0 25 50 75 100 125 150 175 Ambient Temperature (°C) 60 Hz Resistive or Inductive Load 0.375" (9.5 mm) Lead Length 5 10 15 20 25 30 10 1 100 Number of Cycles at 60 Hz T J = TJ Max. 8.3 ms Single Half Sine-Wave 1N3611GP THRU 1N3614GP,1N3957GP Fig. 3 - Typical Instantaneous Forward Characteristics Fig. 4 - Typical Reverse Characteristics Fig. 5 - Typical Junction Capacitance Fig. 6 - Typical Transient Thermal Impedance 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1 10 100 Instantaneous Forward Voltage (V) T J = 25 °C Pulse Width = 300 μs 1 % Duty Cycle 0.01 0.1 1 10 80 60 100 20 040 Percent of Rated Peak Reverse Voltage (%) T J = 25 °C T J = 100 °C 1 10 100 0.1 10 1 100 Reverse Voltage (V) T J = 25 °C f = 1.0 MHz V sig = 50 mVp-p 0.1 10 100 1 0.01 0.1 10 1 100 t - Pulse Duration (s) |
Número de pieza similar - 1N3611GP |
|
Descripción similar - 1N3611GP |