Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N3614GP Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
1N3614GP Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
1 / 2 page 200V-1000V 1.0A 1N3611GP THRU 1N3614GP,1N3957GP Maximum average forward rectified current Maximum DC blocking voltage V Maximum RMS voltage V Maximum repetitive peak reverse voltage V Web Site: www.taychipst.com 1 of 2 FEATURES E-mail: sales@taychipst.com MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS • Superectifier structure for high reliability application • Cavity-free glass-passivated junction • Low forward voltage drop • Low leakage current, IR less than 0.1 μA • High forward surge capability • Meets environmental standard MIL-S-19500 • Solder dip 275 °C max. 10 s, per JESD 22-B106 • AEC-Q101 qualified • Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC Case: DO-204AL, molded epoxy over glass body Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS compliant, commercial grade Base P/NHE3 - RoHS compliant, AEC-Q101 qualified Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix meets JESD 201 class 2 whisker test Polarity: Color band denotes cathode end Ratings at 25°C ambient temperature unless otherwise specified. 1N 1N 1N 1N 1N SYMBOLS 3611GP 3612GP 3613GP 3614GP 3957GP UNITS RRM 200 400 600 800 1000 Volts RMS 140 280 420 560 700 Volts DC 200 400 600 800 1000 Amps 0.375" (9.5mm) lead length at TA=75°C I(AV) 1.0 Amps 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IFSM 30.0 Amps Maximum instantaneous forward voltage at 1.0A VF 1.0 Volts A=25°C 1.0 at rated DC blocking voltage TA=150°C IR 300.0 µA Typical reverse recovery time (NOTE 1) trr 2.0 µs Typical junction capacitance (NOTE 2) CJ 8.0 pF Typical thermal resistance (NOTE 3) R ΘJA 55.0 °C/W R ΘJL 25.0 Operating junction and storage temperature range TJ, TSTG -65 to +175 °C NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr =0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted * JEDEC registered values Glass Passivated Junction Rectifier |
Número de pieza similar - 1N3614GP |
|
Descripción similar - 1N3614GP |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |