Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1600M Datasheet(PDF) 4 Page - Sony Corporation

No. de pieza CXA1600M
Descripción Electrónicos  8-pin Single-chip AM Radio with Built-in Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1600M Datasheet(HTML) 4 Page - Sony Corporation

  CXA1600M Datasheet HTML 1Page - Sony Corporation CXA1600M Datasheet HTML 2Page - Sony Corporation CXA1600M Datasheet HTML 3Page - Sony Corporation CXA1600M Datasheet HTML 4Page - Sony Corporation CXA1600M Datasheet HTML 5Page - Sony Corporation CXA1600M Datasheet HTML 6Page - Sony Corporation CXA1600M Datasheet HTML 7Page - Sony Corporation CXA1600M Datasheet HTML 8Page - Sony Corporation CXA1600M Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
—4—
CXA1600M/P
Noise
THD
AM I/O Characteristics
Bar antenna input level [dB
µV/m]
20
30
40
50
60
70
80
90
100
110
120
0
–10
–20
–30
–40
–50
–60
8
7
6
5
4
3
2
1
0
0
–10
–20
–30
–40
–50
–60
Selectivity Characteristics
–110 –100 –90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
30
Input frequency (fIN-fO) [kHz]
0dB=–10dBV
S+N
VCC=3V
f=1MHz
fMOD=1kHz
MOD
=30%


Número de pieza similar - CXA1600M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1611N SONY-CXA1611N Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1611P SONY-CXA1611P Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1616N SONY-CXA1616N Datasheet
496Kb / 20P
   Sync Discriminator for CRT Displays
CXA1616S SONY-CXA1616S Datasheet
496Kb / 20P
   Sync Discriminator for CRT Displays
More results

Descripción similar - CXA1600M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TDA1083 ATMEL-TDA1083 Datasheet
299Kb / 8P
   One Chip AM/FM Radio with Audio Power Amplifier
logo
ARTSCHIP ELECTRONICS CO...
TDA1083 ARTSCHIP-TDA1083 Datasheet
731Kb / 8P
   One Chip AM/FM Radio with Audio Power Amplifier
logo
TEMIC Semiconductors
TDA1083 TEMIC-TDA1083 Datasheet
316Kb / 10P
   One Chip AM/FM Radio with Audio Power Amplifier
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
   FM/AM SINGLE CHIP RADIO
logo
Toshiba Semiconductor
TA7613AP TOSHIBA-TA7613AP Datasheet
541Kb / 7P
   AM/FM RADIO IC WITH POWER AMPLIFIER
logo
Sanyo Semicon Device
LA1800 SANYO-LA1800 Datasheet
577Kb / 8P
   FM/AM Single-Chip Radio
logo
STMicroelectronics
TDA7227 STMICROELECTRONICS-TDA7227 Datasheet
169Kb / 5P
   SINGLE-CHIP AM/FM RADIO WITH FRONT-END
logo
Wuxi Youda electronics ...
YD1191 YOUDA-YD1191 Datasheet
77Kb / 4P
   SINGLE-CHIP FM/AM RADIO IC
YD1619 YOUDA-YD1619 Datasheet
81Kb / 4P
   SINGLE-CHIP FM/AM RADIO IC
logo
Toshiba Semiconductor
TA7641BP TOSHIBA-TA7641BP Datasheet
685Kb / 9P
   AM 1 CHIP RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com