Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79730MDCKREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS79730MDCKREP
Descripción Electrónicos  ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79730MDCKREP Datasheet(HTML) 1 Page - Texas Instruments

  TPS79730MDCKREP Datasheet HTML 1Page - Texas Instruments TPS79730MDCKREP Datasheet HTML 2Page - Texas Instruments TPS79730MDCKREP Datasheet HTML 3Page - Texas Instruments TPS79730MDCKREP Datasheet HTML 4Page - Texas Instruments TPS79730MDCKREP Datasheet HTML 5Page - Texas Instruments TPS79730MDCKREP Datasheet HTML 6Page - Texas Instruments TPS79730MDCKREP Datasheet HTML 7Page - Texas Instruments TPS79730MDCKREP Datasheet HTML 8Page - Texas Instruments TPS79730MDCKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TPS79718-EP, TPS79730-EP, TPS79733-EP
SGLS348A – AUGUST 2006 – REVISED OCTOBER 2007
www.ti.com
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
• Battery-Powered Microcontrollers and
• Controlled Baseline
Microprocessors
One Assembly Site
One Test Site
One Fabrication Site
The TPS797xx family of low-dropout (LDO) voltage
• Extended Temperature Performance of
regulators offers the benefits of low-dropout voltage
–55
°C to 125°C
and ultralow-power operation. The device is stable
• Enhanced Diminishing Manufacturing Sources
with
any
capacitor
(>
0.47
µF). Therefore,
implementations of this device require little board
(DMS) Support
space
due
to
the
miniaturized
packaging
and
• Enhanced Product-Change Notification
potentially small output capacitor. In addition, the
• Qualification Pedigree(1)
family includes an integrated open drain active-high
power good (PG) output. Intended for use in
• 10 mA Low-Dropout Regulator
microcontroller based, battery-powered applications,
• Ultralow 1.2 µA Quiescent Current at 10 mA
the
TPS797xx
family's
low
dropout
and
• 5-Pin SC70/SOT-323 (DCK) Package
ultralow-powered operation results in a significant
• Integrated Power Good Output
increase in system battery operating life. The small
packaging minimizes consumption of board space.
• Stable With Any Capacitor (> 0.47 µF)
The device is enabled when the applied voltage
• Dropout Voltage Typically 105 mV at 10 mA
exceeds the minimum input voltage. The usual PNP
(TPS79733)
pass transistor has been replaced by a PMOS pass
• Overcurrent Limitation
element. Because the PMOS pass element behaves
(1)
Component qualification in accordance with JEDEC and
as a low-value resistor, the dropout voltage is low,
industry standards to ensure reliable operation over an
125 mV (typ) at 10 mA of load current and is directly
extended temperature range. This includes, but is not limited
proportional to the load current. The quiescent current
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
is ultralow (1.2
µA typ) and is stable over the entire
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
range of output load current (0 mA to 10 mA). When
life. Such qualification testing should not be viewed as
properly configured with a pullup resistor, the PG
justifying use of this component beyond specified
output can be used to implement a power-on reset or
performance and environmental limits.
low battery indicator. The TPS797xx is offered in
1.8 V, 3 V, and 3.3 V fixed options.
ORDERING INFORMATION(1)
TA
VOLTAGE
PACKAGE(2)
PART NUMBER
SYMBOL
1.8 V
TPS79718MDCKREP
CKW
–55
°C to 125°C
3 V
SC70/SOT-323 (DCK)
TPS79730MDCKREP
BUA
3.3 V
TPS79733MDCKREP(3)
TBD
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
Product Preview. Parameters in electrical characteristics are subject to change.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2006–2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS79730MDCKREP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79730 TI-TPS79730 Datasheet
232Kb / 11P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-Q1 TI-TPS79730-Q1 Datasheet
236Kb / 13P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-223 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUPUT
TPS79730-Q1 TI1-TPS79730-Q1 Datasheet
330Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730DCKR TI1-TPS79730DCKR Datasheet
636Kb / 17P
[Old version datasheet]   Ultra-Low IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
More results

Descripción similar - TPS79730MDCKREP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI1-TPS79718-Q1_16 Datasheet
330Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718 TI-TPS79718 Datasheet
232Kb / 11P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718 TI1-TPS79718_12 Datasheet
636Kb / 17P
[Old version datasheet]   Ultra-Low IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS79718-Q1 TI-TPS79718-Q1_15 Datasheet
318Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOR-323 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
TPS797 TI-TPS797 Datasheet
905Kb / 18P
[Old version datasheet]   Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
logo
Rohm
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com