Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS658610A Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS658610A
Descripción Electrónicos  Advanced Power Management Unit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS658610A Datasheet(HTML) 3 Page - Texas Instruments

  TPS658610A Datasheet HTML 1Page - Texas Instruments TPS658610A Datasheet HTML 2Page - Texas Instruments TPS658610A Datasheet HTML 3Page - Texas Instruments TPS658610A Datasheet HTML 4Page - Texas Instruments TPS658610A Datasheet HTML 5Page - Texas Instruments TPS658610A Datasheet HTML 6Page - Texas Instruments TPS658610A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-Apr-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
TPS658610AZQZR
ACTIVE
BGA
MICROSTAR
JUNIOR
ZQZ
120
2500
Green (RoHS
& no Sb/Br)
SNAGCU
Level-3-260C-168 HR
TPS658610AZQZT
ACTIVE
BGA
MICROSTAR
JUNIOR
ZQZ
120
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Número de pieza similar - TPS658610A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS658610 TI-TPS658610 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658610ZQZR TI-TPS658610ZQZR Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658610ZQZT TI-TPS658610ZQZT Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
More results

Descripción similar - TPS658610A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
   Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com