Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS659112A2ZRC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS659112A2ZRC
Descripción Electrónicos  Power Management Unit with DCDC Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659112A2ZRC Datasheet(HTML) 1 Page - Texas Instruments

  TPS659112A2ZRC Datasheet HTML 1Page - Texas Instruments TPS659112A2ZRC Datasheet HTML 2Page - Texas Instruments TPS659112A2ZRC Datasheet HTML 3Page - Texas Instruments TPS659112A2ZRC Datasheet HTML 4Page - Texas Instruments TPS659112A2ZRC Datasheet HTML 5Page - Texas Instruments TPS659112A2ZRC Datasheet HTML 6Page - Texas Instruments TPS659112A2ZRC Datasheet HTML 7Page - Texas Instruments TPS659112A2ZRC Datasheet HTML 8Page - Texas Instruments TPS659112A2ZRC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPS659110, TPS659112, TPS659113
www.ti.com
SWCS067B – AUGUST 2011 – REVISED NOVEMBER 2011
Power Management Unit with DCDC Controller
Check for Samples: TPS659110, TPS659112, TPS659113
1
FEATURES
power initialization reset (PWRDN) for thermal
reset input
2
The purpose of the TPS659110 device is to
provide the following resources:
32-kHz clock and reset (NRESPWRON) for
system and an additional output for reset
Embedded power controller (EPC) with
signal
EEPROM programmability
Watchdog
Two efficient step-down DCDC converters for
Two ON/OFF LED pulse generators and one
processor cores (VDD1, VDD2)
PWM generator
One efficient step-down DCDC converter for
Two comparators for system control,
I/O power (VIO)
connected to VCCS pin
One controller for external FETs (VDDCtrl)
A JTAG® and boundary scan, but not
Dynamic voltage scaling for processor cores
accessible in functional mode (test purpose)
Eight LDO voltage regulators and one RTC
LDO (supply for internal RTC)
APPLICATIONS
One high-speed I2C interface for general-
Portable and handheld systems
purpose control commands (CTL-I2C)
Two independent enable signals for
DESCRIPTION
controlling power resources (EN1, EN2).
The TPS659110 is an integrated Power Management
Alternatively, these pins can be used as a
IC available in 98-pin 0.65-mm pitch BGA package
high-speed I2C interface dedicated for voltage
and dedicated to applications powered by one Li-Ion
scaling for VDD1 and VDD2.
or Li-Ion polymer battery cell or 3-series Ni-MH cells
or a 5 V input, and which require multiple power rails.
Thermal shutdown protection and hot-die
The device provides three step-down converters, one
detection
controller for external FETs to support high current
A real-time clock (RTC) resource with:
rail, eight LDOs, and is designed to be flexible PMIC
Oscillator for 32.768-kHz crystal or 32-kHz
for supporting different processors and applications.
built-in RC oscillator
Two of the step-down converters provide power for
Date, time and calendar
dual processor cores and support dynamic voltage
Alarm capability
scaling by a dedicated I2C interface for optimum
power savings. The third converter provides power for
Nine configurable GPIOs with multiplexed
the I/Os and memory in the system.
feature support:
The device includes eight general-purpose LDOs
Four can be used as enable for external
providing a wide range of voltage and current
resources, included into power up
capabilities. Five of the LDOs support 1.0 to 3.3 V
sequence and controlled by state-machine.
with 100-mV step and three (LDO1, LDO2, LDO4)
As GPI, GPIOs support logic-level detection
support 1.0 to 3.3 V with 50-mV step. All LDOs are
and can generate maskable interrupt for
fully controllable by the I2C interface.
wake-up.
In addition to the power resources, the device
Two of the GPIOs have 10 mA current sink
contains an EPC to manage the power sequencing
capability for driving LEDs.
requirements
of
systems
and
an
RTC.
Power
DCDCs switching synchronization through
sequencing is programmable by EEPROM.
an external 3-MHz clock.
Figure 1 shows the top-level diagram of the device.
Two reset inputs, for cold reset (HDRST) and a
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
JTAG is a registered trademark of JTAG Technologies, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS659112A2ZRC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS659112A2ZRC TI1-TPS659112A2ZRC Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659112A2ZRC TI1-TPS659112A2ZRC Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659112A2ZRC TI-TPS659112A2ZRC Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS659112A2ZRC TI-TPS659112A2ZRC Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659112A2ZRCR TI1-TPS659112A2ZRCR Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
More results

Descripción similar - TPS659112A2ZRC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS658310 TI1-TPS658310 Datasheet
141Kb / 6P
[Old version datasheet]   Power Management Unit
logo
ams AG
AS3677 AMSCO-AS3677 Datasheet
4Mb / 68P
   Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
logo
Texas Instruments
LM26484 TI1-LM26484_13 Datasheet
2Mb / 25P
[Old version datasheet]   LM26484 Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
logo
Vaisala
PMU701 VAISALA-PMU701 Datasheet
300Kb / 3P
   Power Management Unit PMU701
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
   Flexible Power Management Unit
V 2.8 2022-07-06
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com