Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMB135 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

No. de pieza SMB135
Descripción Electrónicos  Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge Mode
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB135 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMB135_08 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
SMB135
Summit Microelectronics, Inc
2106 3.1 11/4/2008
11
EFFICIENCY GRAPHS
Figure 6: SMB135 QFN Efficiency vs Voltage
VIN=5V, IFCHG=500mA, L=6.8uH (TDK:VLF4012), TA=25°C
75
80
85
90
95
100
3
3.2
3.4
3.6
3.8
4
4.2
VBATT (V)
1.25MHz
1MHz
750kHz
Figure 5: SMB135 QFN Efficiency vs Voltage
VIN=5V, IFCHG=500mA, F=1.25MHz, TA=25°C
75
80
85
90
95
100
3
3.2
3.4
3.6
3.8
4
4.2
VBATT (V)
Taiyo Y 4.7uH
TDK 6.8uH


Número de pieza similar - SMB135_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
More results

Descripción similar - SMB135_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMB138 SUMMIT-SMB138 Datasheet
412Kb / 2P
   Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge
SMB329 SUMMIT-SMB329 Datasheet
141Kb / 1P
   Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
SMB136 SUMMIT-SMB136 Datasheet
149Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB137B SUMMIT-SMB137B Datasheet
152Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Summit Microelectronics...
SMB137C SUMMIT-SMB137C Datasheet
45Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath Manager,TurboChargeTM Mode, Low Battery Recovery, AICLand USB OTG/HDMI/MHL Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com