Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1741Q Datasheet(PDF) 7 Page - Sony Corporation

No. de pieza CXA1741Q
Descripción Electrónicos  IF Amplifier for Analog Cellular Communications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1741Q Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA1741Q Datasheet HTML 3Page - Sony Corporation CXA1741Q Datasheet HTML 4Page - Sony Corporation CXA1741Q Datasheet HTML 5Page - Sony Corporation CXA1741Q Datasheet HTML 6Page - Sony Corporation CXA1741Q Datasheet HTML 7Page - Sony Corporation CXA1741Q Datasheet HTML 8Page - Sony Corporation CXA1741Q Datasheet HTML 9Page - Sony Corporation CXA1741Q Datasheet HTML 10Page - Sony Corporation CXA1741Q Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
—7—
CXA1741Q
26
MIXIN
1.3 V
27
MIXPS
1.3 V
28
MIX ADJ2
0.1 V
29
MIX ADJ1
0.1 V
30
T3
31
T4
32
T5
33
VCC1
3.0 V
34
GND1
0 V
35
T6
36
FADJ1
2.2 V
37
FADJ2
1.5 V
RF AMP output monitor.
Connected to the MIXER
input in the IC.
Balance adjustment for
mixers 1 and 2.
IC operational check.
Power supply.
Supplies current to the PSN,
BPF, and BIAS circuits.
Ground.
IC operational check.
When the resistance value
of an external resistor
connected between Pins
36 and 37 is varied, the
center frequency of the
BPF in the IC changes
accordingly.
Pin No.
Symbol
Pin voltage
I/O
Equivalent circuit
Description
DC
AC
resistance
660
28 29
4k
4k
4k
4k
660
MIXER
27
26
RF AMP
37
36
147
147


Número de pieza similar - CXA1741Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1742Q SONY-CXA1742Q Datasheet
277Kb / 19P
   IF Amplifier for Analog Cellular Communications
CXA1744AR SONY-CXA1744AR Datasheet
340Kb / 18P
   IF Amplifier for Digital Cordless Telephone
CXA1746Q SONY-CXA1746Q Datasheet
254Kb / 19P
   Electronic Volume
More results

Descripción similar - CXA1741Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1742Q SONY-CXA1742Q Datasheet
277Kb / 19P
   IF Amplifier for Analog Cellular Communications
logo
Rohm
BH4138FV ROHM-BH4138FV Datasheet
127Kb / 10P
   2nd mixer and IF amplifier IC for digital cellular
logo
Epson ToYoCom
TQS-472BA-7R EPSONTOYOCOM-TQS-472BA-7R Datasheet
341Kb / 2P
   SAW FILTER FOR CELLULAR / IF
TQS-477AA-7R EPSONTOYOCOM-TQS-477AA-7R Datasheet
347Kb / 2P
   SAW FILTER FOR CELLULAR / IF
logo
Sony Corporation
CXA3328TN SONY-CXA3328TN Datasheet
519Kb / 15P
   Analog Signal Processor RX-IF IC for W-CDMA Cellular Phones
CXA3329ER SONY-CXA3329ER Datasheet
126Kb / 14P
   Analog Signal Processor TX-IF IC for W-CDMA Cellular Phones
logo
NEC
UPC8001 NEC-UPC8001 Datasheet
130Kb / 22P
   IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
logo
Rohm
BH4128FV ROHM-BH4128FV Datasheet
106Kb / 8P
   Second Mixer IF for digital cellular phones
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
[Old version datasheet]   Baseband Processor for Analog Cellular Telephones
logo
Toshiba Semiconductor
TA31137FNG TOSHIBA-TA31137FNG Datasheet
578Kb / 16P
   IF DETECTOR IC FOR CORDLESS AND CELLULAR PHONES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com