Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1810 Datasheet(PDF) 8 Page - Sony Corporation

No. de pieza CXA1810
Descripción Electrónicos  Luminance and Color Signal Processing for 8mm VCR
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1810 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA1810 Datasheet HTML 4Page - Sony Corporation CXA1810 Datasheet HTML 5Page - Sony Corporation CXA1810 Datasheet HTML 6Page - Sony Corporation CXA1810 Datasheet HTML 7Page - Sony Corporation CXA1810 Datasheet HTML 8Page - Sony Corporation CXA1810 Datasheet HTML 9Page - Sony Corporation CXA1810 Datasheet HTML 10Page - Sony Corporation CXA1810 Datasheet HTML 11Page - Sony Corporation CXA1810 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
—8—
CXA1810AQ/AR
Pin
Symbol
Pin voltage
Equivalent circuit
Description
No.
DC
AC
Inputs CCD DL (delay line)
output signal to VCA circuit.
Time constant for VCA circuit
in the comb filter block. A DC
limiter circuit with an upper
limit of 4.0V and a lower limit
of 2.2V is built in.
Output for inputting a signal to
the CCD DL (delay line).
Normally, Y+C signal is
output. During playback, when
the CCD DL connected to this
pin is used for comb filter
processing of just the C
signal, C signal with quasi
sync is output.
Composite sync signal output.
No output if mode SYNC SEP
OFF is set High.
Main block power supply.
40k
150
2.1V
21
150
150
22
1mA
150
150
23
1H
2.5V
0
270
20k
20k
5k
270
50k
24
21 DL OUT1
22 AGC TC2
23 DL IN1
24 COMP
SYNC
25 VCC
2.1V (center
DC)
2.2V to 4.0V
2.2V
High :
2.5V,
Low :
0V
output
VCC=4.75V
Video
500mVp-p
input
Video
500mVp-p
output


Número de pieza similar - CXA1810

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1814 SONY-CXA1814 Datasheet
374Kb / 20P
   8 mm VCR ATF
CXA1814N SONY-CXA1814N Datasheet
374Kb / 20P
   8 mm VCR ATF
logo
Cree, Inc
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
More results

Descripción similar - CXA1810

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1700AQ SONY-CXA1700AQ Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
AN2493FH PANASONIC-AN2493FH Datasheet
238Kb / 24P
   Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
NTE Electronics
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com