Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC5322L Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPIC5322L
Descripción Electrónicos  3-CHANNEL INDEPENDENT LOGIC-LEVEL POWER DMOS ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5322L Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC5322L Datasheet HTML 4Page - Texas Instruments TPIC5322L Datasheet HTML 5Page - Texas Instruments TPIC5322L Datasheet HTML 6Page - Texas Instruments TPIC5322L Datasheet HTML 7Page - Texas Instruments TPIC5322L Datasheet HTML 8Page - Texas Instruments TPIC5322L Datasheet HTML 9Page - Texas Instruments TPIC5322L Datasheet HTML 10Page - Texas Instruments TPIC5322L Datasheet HTML 11Page - Texas Instruments TPIC5322L Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TPIC5322L
3CHANNEL INDEPENDENT LOGICLEVEL POWER DMOS ARRAY
SLIS034A − JUNE 1994 − REVISED NOVEMBER 1994
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
THERMAL INFORMATION
Figure 15
1
10
0.1
1
MAXIMUM DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
0.1
10
100
VDS − Drain-to-Source Voltage − V
† Less than 2% duty cycle
10 ms†
DC Conditions
1
µs†
TC = 25°C
500
µs†
1 ms†
Figure 16
1
5
0.01
0.1
1
10
100
MAXIMUM PEAK-AVALANCHE CURRENT
vs
TIME DURATION OF AVALANCHE
tav − Time Duration of Avalanche − ms
TC = 125°C
TC = 25°C
See Figure 4
2
3
4


Número de pieza similar - TPIC5322L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5323LD TI1-TPIC5323LD Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
More results

Descripción similar - TPIC5322L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5423L TI-TPIC5423L Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI1-TPIC5223L_11 Datasheet
268Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC5302 TI-TPIC5302 Datasheet
171Kb / 11P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
TPIC5303 TI1-TPIC5303 Datasheet
264Kb / 14P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com