Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4090DY Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SI4090DY
Descripción Electrónicos  N-Channel 100 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4090DY Datasheet(HTML) 5 Page - Vishay Siliconix

  SI4090DY Datasheet HTML 1Page - Vishay Siliconix SI4090DY Datasheet HTML 2Page - Vishay Siliconix SI4090DY Datasheet HTML 3Page - Vishay Siliconix SI4090DY Datasheet HTML 4Page - Vishay Siliconix SI4090DY Datasheet HTML 5Page - Vishay Siliconix SI4090DY Datasheet HTML 6Page - Vishay Siliconix SI4090DY Datasheet HTML 7Page - Vishay Siliconix SI4090DY Datasheet HTML 8Page - Vishay Siliconix SI4090DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 63917
S12-1135-Rev. A, 21-May-12
www.vishay.com
5
Vishay Siliconix
Si4090DY
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical support, please contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0.0
4.2
8.4
12.6
16.8
21.0
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Power, Junction-to-Foot
0
2
4
6
8
10
025
50
75
100
125
150
T
C - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
0.4
0.8
1.2
1.6
2.0
025
50
75
100
125
150
T
A - Ambient Temperature (°C)


Número de pieza similar - SI4090DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Telefunken
SI4090DY TFUNK-SI4090DY Datasheet
276Kb / 10P
   N-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SI4090DY-T1-GE3 VISHAY-SI4090DY-T1-GE3 Datasheet
216Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI4090DY VISHAY-SI4090DY_V01 Datasheet
216Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI4090DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com