Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSOP57456 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza TSOP57456
Descripción Electrónicos  IR Receiver Modules for Remote Control Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP57456 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP57456 Datasheet HTML 1Page - Vishay Siliconix TSOP57456 Datasheet HTML 2Page - Vishay Siliconix TSOP57456 Datasheet HTML 3Page - Vishay Siliconix TSOP57456 Datasheet HTML 4Page - Vishay Siliconix TSOP57456 Datasheet HTML 5Page - Vishay Siliconix TSOP57456 Datasheet HTML 6Page - Vishay Siliconix TSOP57456 Datasheet HTML 7Page - Vishay Siliconix TSOP57456 Datasheet HTML 8Page - Vishay Siliconix TSOP57456 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TSOP572.., TSOP574..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 20-Jun-12
1
Document Number: 82434
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
FEATURES
• Height of 0.8 mm
• ± 75° half angle sensitivity
• Low supply current
• Photo detectors and preamplifier in one
package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V, typically even
2.0 V to 5.5 V is possible
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The TSOP572.., TSOP574.. series are miniaturized receiver
modules for infrared remote control systems. A PIN diode
and a preamplifier are assembled on a lead frame, the epoxy
lens cap is designed as an IR filter.
The demodulated output signal can be directly decoded by
a microprocessor. The TSOP572.. is compatible with all
common IR remote control data formats. The TSOP574.. is
optimized to suppress almost all spurious pulses from
energy saving fluorescent lamps but will also suppress
some data signals.
This component has not been qualified according to
automotive specifications.
BLOCK DIAGRAM
APPLICATION CIRCUIT
22531-1
PARTS TABLE
CARRIER FREQUENCY
STANDARD APPLICATIONS (AGC2)
VERY NOISY ENVIRONMENTS (AGC4)
36 kHz
TSOP57236
TSOP57436
38 kHz
TSOP57238
TSOP57438
40 kHz
TSOP57240
TSOP57440
56 kHz
TSOP57256
TSOP57456
33 k
Ω
V
S
OUT
Demo-
GND
pass
AGC
Input
PIN
Band
dulator
Control circuit
4, 5
1
2, 3,
6, 7, 8
20445-6
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-10
OUT
The external components R1 and C1 are optional
to improve the robustness against electrical overstress
(typical values are R1 = 100 Ω, C1 = 0.1 µF).


Número de pieza similar - TSOP57456

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSOP57456 VISHAY-TSOP57456 Datasheet
259Kb / 11P
   IR Receiver Modules for Remote Control Systems
Rev. 1.9, 10-Nov-15
TSOP57456 VISHAY-TSOP57456 Datasheet
270Kb / 11P
   IR Receiver Modules for Remote Control Systems
Rev. 2.2, 13-Sep-17
More results

Descripción similar - TSOP57456

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com