Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1911 Datasheet(PDF) 4 Page - Sony Corporation

No. de pieza CXA1911
Descripción Electrónicos  Dolby B/C Type Noise Reduction System with Playback Equalizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1911 Datasheet(HTML) 4 Page - Sony Corporation

  CXA1911 Datasheet HTML 1Page - Sony Corporation CXA1911 Datasheet HTML 2Page - Sony Corporation CXA1911 Datasheet HTML 3Page - Sony Corporation CXA1911 Datasheet HTML 4Page - Sony Corporation CXA1911 Datasheet HTML 5Page - Sony Corporation CXA1911 Datasheet HTML 6Page - Sony Corporation CXA1911 Datasheet HTML 7Page - Sony Corporation CXA1911 Datasheet HTML 8Page - Sony Corporation CXA1911 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
—4—
CXA1911Q
Pin
Symbol
DC
Z (in)
Equivalent circuit
Description
No.
value
6
D IREF
1.25V
7
LINEOUT
4.0V
24
8
TCL
0.3V
23
9
TCH
0.3V
22
10
MSGND
0.0V
29
GND
35
PBGND
Connection of reference
current setting resistor for
Dolby block
Line output
Time Constant pin for the LLS
Time Constant pin for the HLS
Ground
23
8
147
22
9
147
147
6
147
VCC
GND
200
200
7
24


Número de pieza similar - CXA1911

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1910 SONY-CXA1910 Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1915AN SONY-CXA1915AN Datasheet
108Kb / 8P
   I-V Photo IC for MiniDisc
CXA1917AM SONY-CXA1917AM Datasheet
396Kb / 16P
   Dolby S type Noise Reduction Processor
CXA1917AS SONY-CXA1917AS Datasheet
396Kb / 16P
   Dolby S type Noise Reduction Processor
More results

Descripción similar - CXA1911

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA2502M SONY-CXA2502M Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com