Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5368B Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza 1N5368B
Descripción Electrónicos  5 Watt Surmetic 40 Zener Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5368B Datasheet(HTML) 2 Page - ON Semiconductor

  1N5368B Datasheet HTML 1Page - ON Semiconductor 1N5368B Datasheet HTML 2Page - ON Semiconductor 1N5368B Datasheet HTML 3Page - ON Semiconductor 1N5368B Datasheet HTML 4Page - ON Semiconductor 1N5368B Datasheet HTML 5Page - ON Semiconductor 1N5368B Datasheet HTML 6Page - ON Semiconductor 1N5368B Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
1N53 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless
otherwise noted, VF = 1.2 V Max @ IF = 1.0 A for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Breakdown Voltage
IF
Forward Current
VF
Forward Voltage @ IF
IR
Maximum Surge Current @ TA = 25°C
DVZ
Reverse Zener Voltage Change
IZM
Maximum DC Zener Current
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 1.2 V Max @ IF = 1.0 A for all types)
Device
(Note 2)
Device
Marking
Zener Voltage (Note 3)
Zener Impedance (Note 3)
Leakage
Current
IR
(Note 4)
DVZ
(Note 5)
IZM
(Note 6)
VZ (Volts)
@ IZT ZZT @ IZT ZZK @ IZK IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA mA Max Volts
A
Volts
mA
1N5333B
1N5333B
3.14
3.3
3.47
380
3
400
1
300
1
20
0.85
1440
1N5334B
1N5334B
3.42
3.6
3.78
350
2.5
500
1
150
1
18.7
0.8
1320
1N5335B
1N5335B
3.71
3.9
4.10
320
2
500
1
50
1
17.6
0.54
1220
1N5336B
1N5336B
4.09
4.3
4.52
290
2
500
1
10
1
16.4
0.49
1100
1N5337B
1N5337B
4.47
4.7
4.94
260
2
450
1
5
1
15.3
0.44
1010
1N5338B
1N5338B
4.85
5.1
5.36
240
1.5
400
1
1
1
14.4
0.39
930
1N5339B
1N5339B
5.32
5.6
5.88
220
1
400
1
1
2
13.4
0.25
865
1N5340B
1N5340B
5.70
6.0
6.30
200
1
300
1
1
3
12.7
0.19
790
1N5341B
1N5341B
5.89
6.2
6.51
200
1
200
1
1
3
12.4
0.1
765
1N5342B
1N5342B
6.46
6.8
7.14
175
1
200
1
10
5.2
11.5
0.15
700
1N5343B
1N5343B
7.13
7.5
7.88
175
1.5
200
1
10
5.7
10.7
0.15
630
1N5344B
1N5344B
7.79
8.2
8.61
150
1.5
200
1
10
6.2
10
0.2
580
1N5345B
1N5345B
8.27
8.7
9.14
150
2
200
1
10
6.6
9.5
0.2
545
1N5346B
1N5346B
8.65
9.1
9.56
150
2
150
1
7.5
6.9
9.2
0.22
520
1N5347B
1N5347B
9.50
10
10.5
125
2
125
1
5
7.6
8.6
0.22
475
Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and best overall value.
2. TOLERANCE AND TYPE NUMBER DESIGNATION: The JEDEC type numbers shown indicate a tolerance of ±5%.
3. ZENER VOLTAGE (VZ) and IMPEDANCE (IZT and IZK): Test conditions for zener voltage and impedance are as follows: IZ is applied
40 ±10 ms prior to reading. Mounting contacts are located 3/8″ to 1/2″ from the inside edge of mounting clips to the body of the diode
(TA = 25°C +8°C, −2°C).
4. SURGE CURRENT (IR): Surge current is specified as the maximum allowable peak, non−recurrent square−wave current with a pulse width,
PW, of 8.3 ms. The data given in Figure 5 may be used to find the maximum surge current for a square wave of any pulse width between
1 ms and 1000 ms by plotting the applicable points on logarithmic paper. Examples of this, using the 3.3 V and 200 V zener are shown in
Figure 6. Mounting contact located as specified in Note 2 (TA = 25°C +8°C, −2°C).
5. VOLTAGE REGULATION (DVZ): The conditions for voltage regulation are as follows: VZ measurements are made at 10% and then at 50%
of the IZ max value listed in the electrical characteristics table. The test current time duration for each VZ measurement is 40 ±10 ms. Mounting
contact located as specified in Note 2 (TA = 25°C +8°C, −2°C).
6. MAXIMUM REGULATOR CURRENT (IZM): The maximum current shown is based on the maximum voltage of a 5% type unit, therefore,
it applies only to the B−suffix device. The actual IZM for any device may not exceed the value of 5 watts divided by the actual VZ of the device.
TL = 25°C at 3/8″ maximum from the device body.
†The “G’’ suffix indicates Pb−Free package or Pb−Free packages are available.


Número de pieza similar - 1N5368B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5368B MOTOROLA-1N5368B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Formosa MS
1N5368B FORMOSA-1N5368B Datasheet
948Kb / 4P
   5W Zener Diode 5.1 to 200V
logo
Semikron International
1N5368B SEMIKRON-1N5368B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Yangzhou yangjie electr...
1N5368B YANGJIE-1N5368B Datasheet
447Kb / 5P
   Zener Diodes
logo
Pan Jit International I...
1N5368B PANJIT-1N5368B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com