Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1929M Datasheet(PDF) 6 Page - Sony Corporation

No. de pieza CXA1929M
Descripción Electrónicos  TV RF MODULATOR/PLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1929M Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA1929M Datasheet HTML 2Page - Sony Corporation CXA1929M Datasheet HTML 3Page - Sony Corporation CXA1929M Datasheet HTML 4Page - Sony Corporation CXA1929M Datasheet HTML 5Page - Sony Corporation CXA1929M Datasheet HTML 6Page - Sony Corporation CXA1929M Datasheet HTML 7Page - Sony Corporation CXA1929M Datasheet HTML 8Page - Sony Corporation CXA1929M Datasheet HTML 9Page - Sony Corporation CXA1929M Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
—6—
CXA1929M
Pin Description
Pin
No.
1
2
3
4
5
Reference
Video-in
Vreg
NTSC
Audio-in
PAL
Audio-in
FM-Tank
Pin Voltage
Typical DC
2.5 V
3.1 V
2.5 V
10 mA
4.0 V
Equivalent circuit
VCC
1
VCC
2
3
4
5
Description
Video input
Chip voltage supply regulator
NTSC Audio input
PAL Audio input
Sound Carrier oscillator tank


Número de pieza similar - CXA1929M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CXA1908S ETC2-CXA1908S Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1910 SONY-CXA1910 Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1911 SONY-CXA1911 Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
More results

Descripción similar - CXA1929M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3050M SONY-CXA3050M Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
logo
New Japan Radio
NJM2208 NJRC-NJM2208 Datasheet
290Kb / 7P
   TV VIDEO MODULATOR
NJM1372A NJRC-NJM1372A Datasheet
163Kb / 5P
   TV VIDEO MODULATOR
logo
Motorola, Inc
MC1374 MOTOROLA-MC1374 Datasheet
112Kb / 10P
   TV MODULATOR CIRCUIT
MC1373 MOTOROLA-MC1373 Datasheet
211Kb / 3P
   TV Video Modulator
logo
Siemens Semiconductor G...
SDA3112 SIEMENS-SDA3112 Datasheet
373Kb / 10P
   TV PLL
logo
National Semiconductor ...
LM2889 NSC-LM2889 Datasheet
219Kb / 10P
   LM2889 TV Video Modulator
LM1889 NSC-LM1889 Datasheet
326Kb / 10P
   LM1889 TV Video Modulator
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
   Video-Modulator with PLL
logo
List of Unclassifed Man...
CXA1122AM ETC1-CXA1122AM Datasheet
39Kb / 1P
   RF MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com