Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST700CLPBF Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza ST700CLPBF
Descripción Electrónicos  Phase Control Thyristors (Hockey PUK Version), 910 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST700CLPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  ST700CLPBF_12 Datasheet HTML 1Page - Vishay Siliconix ST700CLPBF_12 Datasheet HTML 2Page - Vishay Siliconix ST700CLPBF_12 Datasheet HTML 3Page - Vishay Siliconix ST700CLPBF_12 Datasheet HTML 4Page - Vishay Siliconix ST700CLPBF_12 Datasheet HTML 5Page - Vishay Siliconix ST700CLPBF_12 Datasheet HTML 6Page - Vishay Siliconix ST700CLPBF_12 Datasheet HTML 7Page - Vishay Siliconix ST700CLPBF_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94413
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
5
ST700CLPbF Series
Phase Control Thyristors
(Hockey PUK Version), 910 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
6000
7000
8000
9000
10000
11000
12000
13000
14000
110
100
Numb er Of Eq ua l Amp litud e Ha lf Cycle Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
ST700C..L Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
16000
0.01
0.1
1
Pulse Train Duration (s)
VersusPulse Train Duration. Control
Of Conduc tion May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
ST700C..L Series
Maximum Non Repetitive Surge Current
100
1000
10000
0.51
1.5
2
2.5
3
3.54
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
ST700C..L Series
0.001
0.01
0.1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady Sta te Value
R
= 0.073 K/ W
(Single Side Cooled)
R
= 0.031 K/ W
(Double Side Cooled)
(DC Operation)
ST700C..L Series
thJ-hs
thJ-hs


Número de pieza similar - ST700CLPBF_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
ST700CLPBF VISHAY-ST700CLPBF Datasheet
151Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 910 A
Revision: 11-Aug-08
More results

Descripción similar - ST700CLPBF_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
ST700CLPBF VISHAY-ST700CLPBF Datasheet
151Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 910 A
Revision: 11-Aug-08
VS-ST700CL VISHAY-VS-ST700CL_V01 Datasheet
204Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 910 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com