Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT25020VI.G Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza CAT25020VI.G
Descripción Electrónicos  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25020VI.G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT25020VI.G Datasheet HTML 2Page - ON Semiconductor CAT25020VI.G Datasheet HTML 3Page - ON Semiconductor CAT25020VI.G Datasheet HTML 4Page - ON Semiconductor CAT25020VI.G Datasheet HTML 5Page - ON Semiconductor CAT25020VI.G Datasheet HTML 6Page - ON Semiconductor CAT25020VI.G Datasheet HTML 7Page - ON Semiconductor CAT25020VI.G Datasheet HTML 8Page - ON Semiconductor CAT25020VI.G Datasheet HTML 9Page - ON Semiconductor CAT25020VI.G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CAT25010, CAT25020, CAT25040
http://onsemi.com
6
Table 10. STATUS REGISTER
7
6
5
4
3
2
1
0
1
1
1
1
BP1
BP0
WEL
RDY
Table 11. BLOCK PROTECTION BITS
Status Register Bits
Array Address Protected
Protection
BP1
BP0
0
0
None
No Protection
0
1
CAT25010: 060−07F, CAT25020: 0C0−0FF, CAT25040: 180−1FF
Quarter Array Protection
1
0
CAT25010: 040−07F, CAT25020: 080−0FF, CAT25040: 100−1FF
Half Array Protection
1
1
CAT25010: 000−07F, CAT25020: 000−0FF, CAT25040: 000−1FF
Full Array Protection
WRITE OPERATIONS
The CAT25010/20/40 device powers up into a write
disable state. The device contains a Write Enable Latch
(WEL) which must be set before attempting to write to the
memory array or to the status register. In addition, the
address of the memory location(s) to be written must be
outside the protected area, as defined by BP0 and BP1 bits
from the status register.
Write Enable and Write Disable
The internal Write Enable Latch and the corresponding
Status Register WEL bit are set by sending the WREN
instruction to the CAT25010/20/40. Care must be taken to
take the CS input high after the WREN instruction, as
otherwise the Write Enable Latch will not be properly set.
WREN timing is illustrated in Figure 3. The WREN
instruction must be sent prior to any WRITE or WRSR
instruction.
The internal write enable latch is reset by sending the
WRDI instruction as shown in Figure 4. Disabling write
operations by resetting the WEL bit, will protect the device
against inadvertent writes.
Figure 3. WREN Timing
SCK
SI
SO
00
0
0
0
11
0
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS
Figure 4. WRDI Timing
SCK
SI
SO
0
0
000
10
0
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS


Número de pieza similar - CAT25020VI.G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25020VI CATALYST-CAT25020VI Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25020VI-G ONSEMI-CAT25020VI-G Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT25020VI-GT3 CATALYST-CAT25020VI-GT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020VI-GT3 CATALYST-CAT25020VI-GT3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25020VI-GT3 ONSEMI-CAT25020VI-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
More results

Descripción similar - CAT25020VI.G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com