Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ACT2236-40FN Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza SN74ACT2236-40FN
Descripción Electrónicos  1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT2236-40FN Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ACT2236-40FN Datasheet HTML 5Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 6Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 7Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 8Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 9Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 10Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 11Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 12Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SN74ACT2236
1024 × 9 × 2
ASYNCHRONOUS BIDIRECTIONAL FIRST IN, FIRST OUT MEMORY
SCAS149A − APRIL 1990 − REVISED SEPTEMBER 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
VCC = 4.5 V,
IOH = − 8 mA
2.4
V
VOL
Flags
VCC = 4.5 V,
IOL = 8 mA
0.5
V
VOL
I/O ports
VCC = 4.5 V,
IOL = 16 mA
0.5
V
II
VCC = 5.5 V,
VI = VCC or 0
±5
µA
IOZ
VCC = 5.5 V,
VO = VCC or 0
±5
µA
ICC‡
VI = VCC − 0.2 V or 0
10
400
µA
∆ICC§
DIR, OE
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2
mA
∆ICC§
Other inputs
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
1
mA
Ci
VI = 0,
f = 1 MHz
4
pF
Co
VO = 0,
f = 1 MHz
8
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ ICC tested with outputs open.
§ This is the supply current when each input is at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figures 4 and 5)
PARAMETER
FROM
TO
′ACT2236-20
′ACT2236-30
′ACT2236-40
′ACT2236-60
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
LDCK
50
33
25
16.7
MHz
fmax
UNCK
50
33
25
16.7
MHz
tpd
LDCK
↑, LDCKB↑
B or A
8
23
8
23
8
25
8
27
ns
tpd
UNCKA
↑,
UNCKB
B or A
10
17
25
10
25
10
35
10
45
ns
tPLH
LDCK
↑, LDCKB↑
EMPTYA,
EMPTYB
4
15
4
15
4
17
4
19
ns
tPHL
UNCKA
↑,
UNCKB
EMPTYA,
EMPTYB
2
17
2
17
2
19
2
21
ns
tPHL
RSTA
↓, RSTB↓
EMPTYA,
EMPTYB
2
18
2
18
2
20
2
22
ns
tPHL
LDCK
↑, LDCKB↑
FULLA, FULLB
4
15
4
15
4
17
4
19
ns
tPLH
UNCKA
↑,
UNCKB
FULLA, FULLB
4
15
4
15
4
17
4
19
ns
tPLH
RSTA
↓, RSTB↓
FULLA, FULLB
2
15
2
15
2
17
2
19
ns
tPLH
RSTA
↓, RSTB↓
AF/AEA, AF/AEB
2
15
2
15
2
17
2
19
ns
tPLH
LDCK
↑, LDCKB↑
HFA, HFB
2
15
2
15
2
17
2
19
ns
tPHL
UNCKA
↑,
UNCKB
HFA, HFB
4
19
4
19
4
21
4
23
ns
tPHL
RSTA
↓, RSTB↓
HFA, HFB
1
15
1
15
1
17
1
19
ns
tpd
SAB or SBA¶
B or A
1
11
1
11
1
13
1
15
ns
tpd
A or B
B or A
1
11
1
11
1
13
1
15
ns
tpd
LDCK
↑, LDCKB↑ AF/AEA, AF/AEB
2
19
2
19
2
21
2
23
ns
tpd
UNCKA
↑,
UNCKB
AF/AEA, AF/AEB
2
19
2
19
2
23
2
23
ns
ten
DIR, OE
A or B
2
12
2
12
2
14
2
16
ns
tdis
DIR, OE
A or B
1
10
1
10
1
12
1
14
ns
† All typical values are at VCC = 5 V, TA = 25°C.
¶ These parameters are measured with the internal output state of the storage register opposite to that of the bus input.


Número de pieza similar - SN74ACT2236-40FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ACT2235 TI-SN74ACT2235 Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235-20FN TI-SN74ACT2235-20FN Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235-20PAG TI-SN74ACT2235-20PAG Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235-20PM TI-SN74ACT2235-20PM Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235-30FN TI-SN74ACT2235-30FN Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Descripción similar - SN74ACT2236-40FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820-20PN TI-SN74ABT7820-20PN Datasheet
253Kb / 18P
[Old version datasheet]   STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI1-SN54ABT7819_13 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235 TI-SN74ACT2235 Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS2238 TI1-SN74ALS2238 Datasheet
178Kb / 11P
[Old version datasheet]   32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com