Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100E136FNG Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC100E136FNG
Descripción Electrónicos  5VECL 6-Bit Universal Up/Down Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E136FNG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC100E136FNG Datasheet HTML 2Page - ON Semiconductor MC100E136FNG Datasheet HTML 3Page - ON Semiconductor MC100E136FNG Datasheet HTML 4Page - ON Semiconductor MC100E136FNG Datasheet HTML 5Page - ON Semiconductor MC100E136FNG Datasheet HTML 6Page - ON Semiconductor MC100E136FNG Datasheet HTML 7Page - ON Semiconductor MC100E136FNG Datasheet HTML 8Page - ON Semiconductor MC100E136FNG Datasheet HTML 9Page - ON Semiconductor MC100E136FNG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC10E136, MC100E136
http://onsemi.com
6
Table 9. AC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 9)
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fCOUNT
Maximum Count Frequency
550
650
550
650
550
650
MHz
tPLH
tPHL
Propagation Delay to Output
CLK to Q
MR to Q
CLK to COUT
CLK to CLOUT
850
850
800
825
1150
1150
1150
1150
1450
1450
1300
1400
850
850
800
825
1150
1150
1150
1150
1450
1450
1300
1400
850
850
800
825
1150
1150
1150
1150
1450
1450
1300
1400
ps
ts
Setup Time
S1, S2
D
CLIN
CIN
1000
800
150
800
650
400
0
400
1000
800
150
800
650
400
0
400
1000
800
150
800
650
400
0
400
ps
th
Hold Time
S1, S2
D
CLIN
CIN
150
150
300
150
−200
−250
0
−250
150
150
300
150
−200
−250
0
−250
150
150
300
150
−200
−250
0
−250
ps
tRR
Reset Recovery Time
1000
700
1000
700
1000
700
ps
tJITTER
Random Clock Jitter
< 1
< 1
< 1
ps
tPW
Minimum Pulse Width
CLK, MR
700
400
700
400
700
400
ps
tr
tf
Rise/Fall Times 20% - 80%
250
425
600
250
425
600
250
425
600
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
9. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.


Número de pieza similar - MC100E136FNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100E136FNG ONSEMI-MC100E136FNG Datasheet
158Kb / 12P
   5V ECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com