Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BZW04P145 Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

No. de Pieza. BZW04P145
Descripción  Transient Voltage Suppressors
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Página de inicio  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BZW04P145 Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  BZW04P145 Hoja de datos HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BZW04P145 Hoja de datos HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BZW04P145 Hoja de datos HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd BZW04P145 Hoja de datos HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 of 4
5.8V-376V
40A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Transient Voltage Suppressors
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derated per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
(4) For bi-directional types having VWM of 10 V and less, the ID limit is doubled
BZW04P70
BZW04P70B
77.9
90.2
1.0
70.1
1.0
3.5
113
0.105
BZW04-70
BZW04-70B
77.9
86.1
1.0
70.1
1.0
3.5
113
0.105
BZW04P78
BZW04P78B
86.5
100
1.0
78.0
1.0
3.2
125
0.105
BZW04-78
BZW04-78B
86.5
95.5
1.0
78.0
1.0
3.2
125
0.105
BZW04P85
BZW04P85B
95.0
110
1.0
85.5
1.0
2.9
137
0.106
BZW04-85
BZW04-85B
95.0
105
1.0
85.5
1.0
2.9
137
0.106
BZW04P94
BZW04P94B
105
121
1.0
94.0
1.0
2.6
152
0.107
BZW04-94
BZW04-94B
105
116
1.0
94.0
1.0
2.6
152
0.107
BZW04P102
BZW04P102B
114
132
1.0
102
1.0
2.4
165
0.107
BZW04-102
BZW04-102B
114
126
1.0
102
1.0
2.4
165
0.107
BZW04P110
BZW04P110B
124
143
1.0
111
1.0
2.2
179
0.107
BZW04-110
BZW04-110B
124
137
1.0
111
1.0
2.2
179
0.107
BZW04P128
BZW04P128B
143
165
1.0
128
1.0
2.0
207
0.108
BZW04-128
BZW04-128B
143
158
1.0
128
1.0
2.0
207
0.108
BZW04P136
BZW04P136B
152
176
1.0
136
1.0
1.8
219
0.108
BZW404-136
BZW404-136B
152
168
1.0
136
1.0
1.8
219
0.108
BZW04P145
BZW04P145B
161
187
1.0
145
1.0
1.7
234
0.108
BZW04-145
BZW04-145B
161
179
1.0
145
1.0
1.7
234
0.108
BZW04P154
BZW04P154B
171
198
1.0
154
1.0
1.6
246
0.108
BZW04-154
BZW04-154B
171
189
1.0
154
1.0
1.6
246
0.108
BZW04P171
BZW04P171B
190
220
1.0
171
1.0
1.5
274
0.108
BZW04-171
BZW04-171B
190
210
1.0
171
1.0
1.5
274
0.108
BZW04P188
BZW04P188B
209
242
1.0
188
1.0
1.4
301
0.108
BZW04-188
BZW04-188B
209
231
1.0
188
1.0
1.4
301
0.108
BZW04P213
BZW04P213B
237
275
1.0
213
1.0
1.2
344
0.110
BZW04-213
BZW04-213B
237
263
1.0
213
1.0
1.2
344
0.110
BZW04P239
BZW04P239B
266
308
1.0
239
1.0
1.1
384
0.110
BZW04-239
BZW04-239B
266
294
1.0
239
1.0
1.1
384
0.110
BZW04P256
BZW04P256B
285
330
1.0
256
1.0
1.0
414
0.110
BZW04-256
BZW04-256B
285
315
1.0
256
1.0
1.0
414
0.110
BZW04P273
BZW04P273B
304
352
1.0
273
1.0
0.90
438
0.110
BZW04-273
BZW04-273B
304
336
1.0
273
1.0
0.90
438
0.110
BZW04P299
BZW04P299B
332
385
1.0
299
1.0
0.80
482
0.110
BZW04-299
BZW04-299B
332
368
1.0
299
1.0
0.80
482
0.110
BZW04P342
BZW04P342B
380
440
1.0
342
1.0
0.75
548
0.110
BZW04-342
BZW04-342B
380
420
1.0
342
1.0
0.75
548
0.110
BZW04P376
BZW04P376B
418
484
1.0
376
1.0
0.67
603
0.110
BZW04-376
BZW04-376B
418
462
1.0
376
1.0
0.67
603
0.110
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART NUMBER
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT (mA)
STAND-
OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID
(4) (µA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF
VBR (%/°C)
UNI-DIRECTIONAL BI-DIRECTIONAL
MIN.
MAX.
BZW04P-5V8 THRU BZW04-376


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn