Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14077BDG Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC14077BDG
Descripción Electrónicos  CMOS SSI Quad Exclusive ?쏰R??and ?쏯OR??Gates
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14077BDG Datasheet(HTML) 1 Page - ON Semiconductor

  MC14077BDG Datasheet HTML 1Page - ON Semiconductor MC14077BDG Datasheet HTML 2Page - ON Semiconductor MC14077BDG Datasheet HTML 3Page - ON Semiconductor MC14077BDG Datasheet HTML 4Page - ON Semiconductor MC14077BDG Datasheet HTML 5Page - ON Semiconductor MC14077BDG Datasheet HTML 6Page - ON Semiconductor MC14077BDG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2011
June, 2011 − Rev. 8
1
Publication Order Number:
MC14070B/D
MC14070B, MC14077B
CMOS SSI
Quad Exclusive “OR” and “NOR” Gates
The MC14070B quad exclusive OR gate and the MC14077B quad
exclusive NOR gate are constructed with MOS P−channel and
N−channel enhancement mode devices in a single monolithic
structure. These complementary MOS logic gates find primary use
where low power dissipation and/or high noise immunity is desired.
Features
Supply Voltage Range = 3.0 Vdc to 18 Vdc
All Outputs Buffered
Capable of Driving Two Low−Power TTL Loads or One Low−Power
Schottky TTL Load Over the Rated Temperature Range
Double Diode Protection on All Inputs
MC14070B − Replacement for CD4030B and CD4070B Types
MC14077B − Replacement for CD4077B Type
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
−0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
−0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation, per Package
(Note 1)
500
mW
TA
Ambient Temperature Range
−55 to +125
°C
Tstg
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature
(8−Second Soldering)
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
MARKING
DIAGRAMS
1
14
PDIP−14
P SUFFIX
CASE 646
MC140xxBCP
AWLYYWWG
SOIC−14
D SUFFIX
CASE 751A
1
14
140xxBG
AWLYWW
xx
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
SOEIAJ−14
F SUFFIX
CASE 965
1
14
MC140xxB
ALYWG
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION


Número de pieza similar - MC14077BDG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14077BDG ONSEMI-MC14077BDG Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
MC14077BDG ONSEMI-MC14077BDG Datasheet
94Kb / 5P
   Quad Exclusive
August, 2014 ??Rev. 10
More results

Descripción similar - MC14077BDG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
Panasonic Semiconductor
MN4030B PANASONIC-MN4030B Datasheet
122Kb / 2P
   CMOS LOGIC MN4030B SERIES, QUAD EXCLUSIVE-OR GATES
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070B TI-CD4070B Datasheet
68Kb / 8P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070BM96G4 TI-CD4070BM96G4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Renesas Technology Corp
HD74HC386 RENESAS-HD74HC386 Datasheet
83Kb / 7P
   Quad. 2-input Exclusive-OR Gates
HD74HC7266P RENESAS-HD74HC7266P Datasheet
83Kb / 7P
   Quad. 2-input Exclusive-NOR Gates
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com