Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMUN2111T3G Datasheet(PDF) 3 Page - ON Semiconductor |
|
SMUN2111T3G Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 12 page MUN2111, MMUN2111L, MUN5111, DTA114EE, DTA114EM3, NSBA114EF3 http://onsemi.com 3 Table 2. THERMAL CHARACTERISTICS Characteristic Symbol Max Unit THERMAL CHARACTERISTICS (SC−59) (MUN2111) Total Device Dissipation TA = 25°C (Note 1) (Note 2) Derate above 25°C (Note 1) (Note 2) PD 230 338 1.8 2.7 mW mW/°C Thermal Resistance, (Note 1) Junction to Ambient (Note 2) RqJA 540 370 °C/W Thermal Resistance, (Note 1) Junction to Lead (Note 2) RqJL 264 287 °C/W Junction and Storage Temperature Range TJ, Tstg −55 to +150 °C THERMAL CHARACTERISTICS (SOT−23) (MUNN2111L) Total Device Dissipation TA = 25°C (Note 1) (Note 2) Derate above 25°C (Note 1) (Note 2) PD 246 400 2.0 3.2 mW mW/°C Thermal Resistance, (Note 1) Junction to Ambient (Note 2) RqJA 508 311 °C/W Thermal Resistance, (Note 1) Junction to Lead (Note 2) RqJL 174 208 °C/W Junction and Storage Temperature Range TJ, Tstg −55 to +150 °C THERMAL CHARACTERISTICS (SC−70/SOT−323) (MUN5111) Total Device Dissipation TA = 25°C (Note 1) (Note 2) Derate above 25°C (Note 1) (Note 2) PD 202 310 1.6 2.5 mW mW/°C Thermal Resistance, (Note 1) Junction to Ambient (Note 2) RqJA 618 403 °C/W Thermal Resistance, (Note 1) Junction to Lead (Note 2) RqJL 280 332 °C/W Junction and Storage Temperature Range TJ, Tstg −55 to +150 °C THERMAL CHARACTERISTICS (SC−75) (DTA114EE) Total Device Dissipation TA = 25°C (Note 1) (Note 2) Derate above 25°C (Note 1) (Note 2) PD 200 300 1.6 2.4 mW mW/°C Thermal Resistance, (Note 1) Junction to Ambient (Note 2) RqJA 600 400 °C/W Junction and Storage Temperature Range TJ, Tstg −55 to +150 °C THERMAL CHARACTERISTICS (SOT−723) (DTA114EM3) Total Device Dissipation TA = 25°C (Note 1) (Note 2) Derate above 25°C (Note 1) (Note 2) PD 260 600 2.0 4.8 mW mW/°C Thermal Resistance, (Note 1) Junction to Ambient (Note 2) RqJA 480 205 °C/W Junction and Storage Temperature Range TJ, Tstg −55 to +150 °C 1. FR−4 @ Minimum Pad. 2. FR−4 @ 1.0 x 1.0 Inch Pad. 3. FR−4 @ 100 mm2, 1 oz. copper traces, still air. 4. FR−4 @ 500 mm2, 1 oz. copper traces, still air. |
Número de pieza similar - SMUN2111T3G |