Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMUN5114T1G Datasheet(PDF) 8 Page - ON Semiconductor |
|
SMUN5114T1G Datasheet(HTML) 8 Page - ON Semiconductor |
8 / 12 page MUN2114, MMUN2114L, MUN5114, DTA114YE, DTA114YM3, NSBA114YF3 http://onsemi.com 8 PACKAGE DIMENSIONS SOT−23 (TO−236) CASE 318−08 ISSUE AP D A1 3 12 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. mm inches SCALE 10:1 0.8 0.031 0.9 0.035 0.95 0.037 0.95 0.037 2.0 0.079 SOLDERING FOOTPRINT* VIEW C L 0.25 L1 q e E E b A SEE VIEW C DIM A MIN NOM MAX MIN MILLIMETERS 0.89 1.00 1.11 0.035 INCHES A1 0.01 0.06 0.10 0.001 b 0.37 0.44 0.50 0.015 c 0.09 0.13 0.18 0.003 D 2.80 2.90 3.04 0.110 E 1.20 1.30 1.40 0.047 e 1.78 1.90 2.04 0.070 L 0.10 0.20 0.30 0.004 0.040 0.044 0.002 0.004 0.018 0.020 0.005 0.007 0.114 0.120 0.051 0.055 0.075 0.081 0.008 0.012 NOM MAX L1 H STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR 2.10 2.40 2.64 0.083 0.094 0.104 HE 0.35 0.54 0.69 0.014 0.021 0.029 c 0 −−− 10 0 −−− 10 q ° ° ° ° *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. |
Número de pieza similar - SMUN5114T1G |