Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA2126Q Datasheet(PDF) 2 Page - Sony Corporation

No. de pieza CXA2126Q
Descripción Electrónicos  Audio/Video Switch with Electronic Volume for 2 Scart
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2126Q Datasheet(HTML) 2 Page - Sony Corporation

  CXA2126Q Datasheet HTML 1Page - Sony Corporation CXA2126Q Datasheet HTML 2Page - Sony Corporation CXA2126Q Datasheet HTML 3Page - Sony Corporation CXA2126Q Datasheet HTML 4Page - Sony Corporation CXA2126Q Datasheet HTML 5Page - Sony Corporation CXA2126Q Datasheet HTML 6Page - Sony Corporation CXA2126Q Datasheet HTML 7Page - Sony Corporation CXA2126Q Datasheet HTML 8Page - Sony Corporation CXA2126Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
– 2 –
CXA2126Q
Block Diagram
× 2
× 2
ROUT1
34
LOUT1
36
8dB
1dB
0/6dB
MONO SWITCH
Selectable Gain Stage
MONO SWITCH
× 2
× 2
× 2
× 2
× 2
FBLK_IN1
DIG
Typical Connection
VCR
DIG BLUE
VCR BLUE
DIG GREEN/CVBS
VCR GREEN
DIG RED/CHROMA
DIG CHROMA
VCR RED/CHROMA
DIG CVBS/LUMA
DIG CVBS/LUMA
VCR CVBS/LUMA
TV CVBS
TV_FBLANK
+5V
0V
FBLK_IN2
FBLK_SW
100
VIN1
VIN2
VIDEO_SWITCH1 (TV)
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
VIN9
VIN10
VIN11
VIDEO_SWITCH2 (VCR)
AUDIO_SWITCH1 (TV)
VOLUME CONTROL
& MUTE
8dB
ZCD
1dB
0/6dB
52
53
63
61
2
59
4
6
57
8
10
55
23
VID_VCC
VID_BIAS
VID_GND
60
62
7
Bias
Mute
Bias
4.5V
Mute
Bias 1
4.05V
AUD_VCC
DIG_VCC
AUD_BIAS
AUD_GND
DIG_GND
20
19
26
Bias 2
4.5V
VCC_12V
VREG_BASE
VREG_9V
58
56
38
43
54
RIN1 (DIG)
3
RIN2 (VCR) 12
RIN3 (TV) 22
9V reg
–6dB
–6dB
LIN1 (DIG)
5
LIN2 (VCR) 14
LIN3 (TV) 24
–6dB
–6dB
SDA 11
SCL
9
FNC_VCR 64
HW_MUTE 45
Monitor
TV BLUE
TV GREEN
TV RED/C
TV CVBS/Y
VCR CHROMA
VCR CVBS/Y
Typical Connection
50
VOUT1
100
48
× 2
VOUT2
100
47
× 2
VOUT3
100
46
× 2
VOUT4
100
49
× 2
VOUT5
100
41
× 2
VOUT6
100
44
FNC_TV
30
LOGIC
28
× 2
MONO
33
PHONO_R
35
RTV
40
LTV
TV
42
PHONO_L
37
AUDIO_SWITCH2 (VCR)
I2C
Interface
LOGIC
P.O.D
VCR
TV
VCR
3.3V or 5V


Número de pieza similar - CXA2126Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA2125Q SONY-CXA2125Q Datasheet
399Kb / 35P
   Audio/Video Switch with Electronic Volume for 3 Scart
More results

Descripción similar - CXA2126Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA2125Q SONY-CXA2125Q Datasheet
399Kb / 35P
   Audio/Video Switch with Electronic Volume for 3 Scart
logo
Maxim Integrated Produc...
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
MAX9670 MAXIM-MAX9670 Datasheet
694Kb / 42P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 0; 7/09
logo
Sony Corporation
CXA2078Q SONY-CXA2078Q Datasheet
568Kb / 35P
   I2C Bus-Compatible Audio/Video Switch with Electronic Volume
logo
Maxim Integrated Produc...
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
   Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
   Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com