Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMUN5112DW1T1G Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza SMUN5112DW1T1G
Descripción Electrónicos  Dual PNP Bias Resistor Transistors R1 = 22 k, R2 = 22 k
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN5112DW1T1G Datasheet(HTML) 7 Page - ON Semiconductor

  SMUN5112DW1T1G Datasheet HTML 1Page - ON Semiconductor SMUN5112DW1T1G Datasheet HTML 2Page - ON Semiconductor SMUN5112DW1T1G Datasheet HTML 3Page - ON Semiconductor SMUN5112DW1T1G Datasheet HTML 4Page - ON Semiconductor SMUN5112DW1T1G Datasheet HTML 5Page - ON Semiconductor SMUN5112DW1T1G Datasheet HTML 6Page - ON Semiconductor SMUN5112DW1T1G Datasheet HTML 7Page - ON Semiconductor SMUN5112DW1T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MUN5112DW1, NSBA124EDXV6, NSBA124EDP6
http://onsemi.com
7
PACKAGE DIMENSIONS
HE
DIM MIN
NOM
MAX
MILLIMETERS
A
0.50
0.55
0.60
b
0.17
0.22
0.27
C
D
1.50
1.60
1.70
E
1.10
1.20
1.30
e
0.5 BSC
L
0.10
0.20
0.30
1.50
1.60
1.70
0.020 0.021 0.023
0.007 0.009 0.011
0.059 0.062 0.066
0.043 0.047 0.051
0.02 BSC
0.004 0.008 0.012
0.059 0.062 0.066
MIN
NOM
MAX
INCHES
SOT−563, 6 LEAD
CASE 463A
ISSUE F
e
M
0.08 (0.003)
X
b 65 PL
A
C
−X−
−Y−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE MATERIAL.
D
E
Y
12
3
4
5
L
6
1.35
0.0531
0.5
0.0197
mm
inches
SCALE 20:1
0.5
0.0197
1.0
0.0394
0.45
0.0177
0.3
0.0118
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
HE
0.08
0.12
0.18 0.003 0.005 0.007


Número de pieza similar - SMUN5112DW1T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SMUN5112T1G ONSEMI-SMUN5112T1G Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 22 kOhm, R2 = 22 kOhm
March, 2013 ??Rev. 3
SMUN5112T1G ONSEMI-SMUN5112T1G Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com