Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMUN5114DW1T1G Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza SMUN5114DW1T1G
Descripción Electrónicos  Dual PNP Bias Resistor Transistors R1 = 10 k, R2 = 47 k
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN5114DW1T1G Datasheet(HTML) 1 Page - ON Semiconductor

  SMUN5114DW1T1G Datasheet HTML 1Page - ON Semiconductor SMUN5114DW1T1G Datasheet HTML 2Page - ON Semiconductor SMUN5114DW1T1G Datasheet HTML 3Page - ON Semiconductor SMUN5114DW1T1G Datasheet HTML 4Page - ON Semiconductor SMUN5114DW1T1G Datasheet HTML 5Page - ON Semiconductor SMUN5114DW1T1G Datasheet HTML 6Page - ON Semiconductor SMUN5114DW1T1G Datasheet HTML 7Page - ON Semiconductor SMUN5114DW1T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2012
September, 2012 − Rev. 0
1
Publication Order Number:
DTA114YD/D
MUN5114DW1,
NSBA114YDXV6,
NSBA114YDP6
Dual PNP Bias Resistor
Transistors
R1 = 10 kW, R2 = 47 kW
PNP Transistors with Monolithic Bias
Resistor Network
This series of digital transistors is designed to replace a single
device and its external resistor bias network. The Bias Resistor
Transistor (BRT) contains a single transistor with a monolithic bias
network consisting of two resistors; a series base resistor and a
base−emitter resistor. The BRT eliminates these individual
components by integrating them into a single device. The use of a BRT
can reduce both system cost and board space.
Features
S and NSV Prefix for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC-Q101 Qualified and PPAP Capable
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
(TA = 25°C, common for Q1 and Q2, unless otherwise noted)
Rating
Symbol
Max
Unit
Collector−Base Voltage
VCBO
50
Vdc
Collector−Emitter Voltage
VCEO
50
Vdc
Collector Current − Continuous
IC
100
mAdc
Input Forward Voltage
VIN(fwd)
40
Vdc
Input Reverse Voltage
VIN(rev)
6
Vdc
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
ORDERING INFORMATION
Device
Package
Shipping
MUN5114DW1T1G,
SMUN5114DW1T1G
SOT−363
3,000 / Tape & Reel
NSBA114YDXV6T1G
SOT−563
4,000 / Tape & Reel
NSBA114YDP6T5G
SOT−963
8,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and
tape sizes, please refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MARKING DIAGRAMS
0D/Q
= Specific Device Code
M
= Date Code*
G
=Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
SOT−363
CASE 419B
SOT−563
CASE 463A
SOT−963
CASE 527AD
PIN CONNECTIONS
(3)
(2)
(1)
Q1
Q2
R1
R2
R1
R2
(4)
(5)
(6)
M G
G
1
0D M G
G
1
0D M G
G
1
6
Q


Número de pieza similar - SMUN5114DW1T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SMUN5114T1G ONSEMI-SMUN5114T1G Datasheet
147Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 47 k
September, 2012 ??Rev. 1
SMUN5114T1G ONSEMI-SMUN5114T1G Datasheet
148Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
November, 2012 ??Rev. 2
SMUN5114T1G ONSEMI-SMUN5114T1G Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
SMUN5114T3G ONSEMI-SMUN5114T3G Datasheet
148Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
November, 2012 ??Rev. 2
SMUN5114T3G ONSEMI-SMUN5114T3G Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com