Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28107 Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL28107
Descripción Electrónicos  Intersil?셲 Solutions for Industrial Process Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28107 Datasheet HTML 1Page - Intersil Corporation ISL28107 Datasheet HTML 2Page - Intersil Corporation ISL28107 Datasheet HTML 3Page - Intersil Corporation ISL28107 Datasheet HTML 4Page - Intersil Corporation ISL28107 Datasheet HTML 5Page - Intersil Corporation ISL28107 Datasheet HTML 6Page - Intersil Corporation ISL28107 Datasheet HTML 7Page - Intersil Corporation ISL28107 Datasheet HTML 8Page - Intersil Corporation ISL28107 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
www.intersil.com/industrial_process_control | 5
PLC
High Voltage Ultra Precision Op Amp: ISL28210
Part Number
Supply
Voltage (V)
Rail-To-Rail
Vos
Max @
25°C
TCVos
Typ
Ib Max
@
25°C
CMRR
min @
25°C
PSRR
min @
25°C
Av
min @
25°C
Is Max
@
25°C
GBW
Slew
Rate
Noise
0.1 to
10Hz
Voltage
Noise @
1kHz
Current
Noise @
1kHz
Single
Dual
Quad
Min Max
In
Out
µV
µV/°C
nA
dB
dB
dB
mA
MHz
V/µs
µVpp
nV/√Hz
fA/√Hz
ISL28117B ISL28217B ISL28417B 4.5
40
No
No
50
0.14
1
120
120
129.5
0.53
1.5
0.5
0.25
8
100
ISL28127 ISL28227
4.5
40
No
No
70
0.1
10
115
115
120
2.8
10
3.6
0.085
2.5
400
ISL28107 ISL28207
ISL28407
4.5
40
No
No
75
0.1
0.3
115
115
129.5
0.29
1
0.32
0.34
13
53
ISL28117C ISL28217C ISL28417C 4.5
40
No
No
100
0.14
1
120
120
129.5
0.53
1.5
0.5
0.25
8
100
ISL28118
ISL28218
3
40
Single Supply Yes
230
0.3
575
103
109
124.7
1.1
4
1.2
0.3
5.6
355
ISL28177
4.5
40
No
No
150
0.5
1
120
115
120
1.4
0.6
0.2
0.38
9.5
87
ISL28108 ISL28208
ISL28408
3
40
Single Supply Yes
250
0.1
43
105
110
117
0.25
1.2
0.45
0.58
15.8
80
ISL28110
ISL28210
9
40
No
No
300
1
0.002
88
102
104
2.9
12.5
23
0.6
6
9
High Voltage Ultra Precision Op Amp: ISL28417
40V Quad, Low Power,
Low Noise Precision
Bipolar Op Amp
• Low Input Offset..................±50μV, Max
• Superb Offset TC............ 0.6μV/°C, Max
• Input Bias Current ............... ±1nA, Max
• Input Bias Current TC .....±5pA/°C, Max
• Low Current Consumption .........440μA
Key Features
Analog Input
Analog Output
Control
Sensors
Power
Low Offset Drift of 0.6µV/°C MAX
Very High Impedance
VS = ± 15V
0
2
4
6
8
10
12
14
16
18
-0.45
-0.30
-0.15
0
0.15
0.30
0.45
VOSTC (µV/°C)
• Voltage Noise .......................... 8nV/√Hz
• Bandwidth................................. 1.5MHz
• Wide Supply Range ............. 4.5V to 40V
• Operating Temperature Range.............
..................................... -40°C to +125°C
• ISL28210 is ideal for Flow Sensors and other high
impedance applications.
+
-
Transimpedance Amp
Photodiode
ISL28210 has Very High
560GΩ Input Impedance
ISL28210
Key Features
• Wide Supply Range ................ 9V to 40V
• Low Voltage Noise .................. 6nV/√Hz
• Low Input Bias Current...................2pA
• High Slew Rate...........................20V/μs
• High Bandwidth....................... 12.5MHz
• Low Input Offset..................300μV, Max
• Low Current Consumption .......2.55mA
• Wide Tempe Range ..... -40°C to +125°C
Applications
• High Impedance Buffers
• Medical Instrumentation
• Flow Sensor
• ATE/Test
• Data Acquisition
40V Dual Precision,
Low Noise, JFET Op Amp
Evalboard
Available!
Evalboard
Available!


Número de pieza similar - ISL28107

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational
More results

Descripción similar - ISL28107

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Panasonic Semiconductor
BR2032-F2N PANASONIC-BR2032-F2N Datasheet
104Kb / 4P
   INDUSTRIAL SOLUTIONS
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
   Industrial Electrical Solutions
logo
Exar Corporation
XRP7713 EXAR-XRP7713 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
logo
AVX Corporation
00-9286 AVX-00-9286 Datasheet
529Kb / 5P
   Industrial/Machine Control; motors, solenoids, PLC?셲, pumps, valves, sensors, fans?
logo
Vicor Corporation
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com