Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA2542AR Datasheet(PDF) 11 Page - Sony Corporation

No. de pieza CXA2542AR
Descripción Electrónicos  RF Signal Processing Servo Amplifier for CD Player
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2542AR Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA2542AR Datasheet HTML 7Page - Sony Corporation CXA2542AR Datasheet HTML 8Page - Sony Corporation CXA2542AR Datasheet HTML 9Page - Sony Corporation CXA2542AR Datasheet HTML 10Page - Sony Corporation CXA2542AR Datasheet HTML 11Page - Sony Corporation CXA2542AR Datasheet HTML 12Page - Sony Corporation CXA2542AR Datasheet HTML 13Page - Sony Corporation CXA2542AR Datasheet HTML 14Page - Sony Corporation CXA2542AR Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
– 11 –
CXA2542AR
FOH threshold
value
FOL threshold
value
Offset
GAIN UP (F)
GAIN UP (E)
Voltage gain
F0
Voltage gain
F1
Voltage gain
F2
Voltage gain
F3
Voltage gain
F4
Voltage gain
E0
Voltage gain
E1
Voltage gain
E2
Voltage gain
E3
Voltage gain
E4
Max. output
voltage – High
Max. output
voltage – Low
Output voltage
1
Output voltage
2
Output voltage
3
Output voltage
4
LD OFF
T21
T22
T23
T24
T25
T26
T27
T28
T29
T30
T31
T32
T33
T34
T35
T36
T37
T38
T39
T40
T41
T42
14
15
14
14
14
14
14
15
15
15
15
15
1
1
9
38
39
38
39
38
38
38
38
38
39
39
39
39
39
38
39
35
35
35
35
35
39F
39F
34F
308
36F
308
36F
308
34F
34E
30F
34D
34B
347
34F
30F
00
30E
30D
30B
307
34F
308
34F
308
3C4
3C4
3C4
3C4
3C0
48
48
41
41
41
41
41
41
41
41
41
41
41
41
41
41
41
34
34
34
34
34
IFB6: ON
Pin 1 voltage when SENS1
(Pin 23) goes from High to Low
IFB6: ON
Pin 1 voltage when SENS2
(Pin 24) goes from High to Low
TOG: OFF,
BAL1, 2, 3: ON
V1 = 2 kHz, I/O ratio
TOG: OFF, BAL1, 2, 3: ON
V1 = 2 kHz, I/O ratio
TOG: OFF, BAL1, 2, 3: ON
V1 = 2kHz, TOG: OFF
I/O ratio
V1 = 2kHz, TOG1: ON
Reference to F0
V1 = 2kHz, TOG2: ON
Reference to F0
V1 = 2kHz, TOG3: ON
Reference to F0
V1 = 2kHz, TOG4: ON
Reference to F0
V1 = 2kHz, BAL: OFF
I/O ratio
V1 = 2kHz, BAL1: ON
Reference to E0
V1 = 2kHz, BAL2: ON
Reference to E0
V1 = 2kHz, BAL3: ON
Reference to E0
V1 = 2kHz, BAL4: ON
Reference to E0
V1 = 1VDC, TOG: OFF,
BAL1, 2, 3: ON
V1 = 1VDC, TOG: OFF,
BAL1, 2, 3: ON
I1 = 364µA
I1 = 439µA
I1 = 515µA
0.8mA sink
I1 = 515µA,
LD: OFF
5
–35
–25
7.2
7.2
1.2
–2.3
–3.9
–6.9
–11.1
–1.6
0.16
0.58
1.43
2.96
0.5
–900
–693
163
–200
1.1
20
–20
0
10.2
10.2
4.2
–1.8
–3.4
–6.4
–10.6
1.4
0.46
0.88
1.73
3.26
0.7
–0.8
–704
–293
613
132
1.3
35
–5
25
13.2
13.2
7.2
–1.3
–2.9
–5.9
–10.1
4.4
0.76
1.18
2.03
3.56
–0.5
–500
107
1063
500
mV
mV
mV
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
V
V
mV
mV
mV
mV
V
TEST
Item
SW conditions
(ON switches)
SD
Input
pin
Measure-
ment pin
Measurement
conditions
Min.
Typ.
Max.
Unit


Número de pieza similar - CXA2542AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA2542AQ SONY-CXA2542AQ Datasheet
616Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
More results

Descripción similar - CXA2542AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1372BQ SONY-CXA1372BQ Datasheet
710Kb / 32P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542Q SONY-CXA2542Q Datasheet
696Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AQ SONY-CXA2542AQ Datasheet
616Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
logo
New Japan Radio
NJM2117 NJRC-NJM2117 Datasheet
400Kb / 16P
   RF AMPLIFIER FOR CD PLAYER
logo
Sony Corporation
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com