Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA2596M Datasheet(PDF) 6 Page - Sony Corporation

No. de pieza CXA2596M
Descripción Electrónicos  RF Amplifier for CD Players
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2596M Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA2596M Datasheet HTML 2Page - Sony Corporation CXA2596M Datasheet HTML 3Page - Sony Corporation CXA2596M Datasheet HTML 4Page - Sony Corporation CXA2596M Datasheet HTML 5Page - Sony Corporation CXA2596M Datasheet HTML 6Page - Sony Corporation CXA2596M Datasheet HTML 7Page - Sony Corporation CXA2596M Datasheet HTML 8Page - Sony Corporation CXA2596M Datasheet HTML 9Page - Sony Corporation CXA2596M Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
—6—
CXA2596M
Pin
Symbol
IO
Equivalent circuit
Description
No.
18
19
20
21
22
24
RFTC
RF_BOT
AGCCONT
HOLD_SW
LD ON
VCC
I
I
I
External time-constant
pin for RF level control.
External bottom time-
constant pin for RF
level control.
RF level control ON
(limit level of 60 % / 40
%)/ OFF switching pin.
60 % for VCC, 40 % for
open or VC and OFF for
VEE.
RF level control hold
ON/OFF switching pin.
ON for VCC and OFF for
VEE.
ON/OFF switching pin
of APC amplifier.
ON for VCC and OFF for
VEE.
VCC
147
50µ
10µ
50µ
18
147
50µ
50µ
19
20µ
147
15µ
50k
15µ
20
147
21
22
147
50µ
VEE
VEE
VEE VEE
VREF
VCC


Número de pieza similar - CXA2596M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AB35F CREE-CXA2590-0000-000R00AB35F Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AB35H CREE-CXA2590-0000-000R00AB35H Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AD40F CREE-CXA2590-0000-000R00AD40F Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AD40H CREE-CXA2590-0000-000R00AD40H Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
More results

Descripción similar - CXA2596M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA2521Q SONY-CXA2521Q Datasheet
742Kb / 17P
   RF Amplifier for CD Players
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1821M SONY-CXA1821M Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6387K ROHM-BA6387K Datasheet
153Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6386K ROHM-BA6386K Datasheet
214Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA2581N SONY-CXA2581N Datasheet
297Kb / 22P
   RF Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com