Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M74VHC1GT50DTT1G Datasheet(PDF) 1 Page - ON Semiconductor |
|
M74VHC1GT50DTT1G Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 6 page © Semiconductor Components Industries, LLC, 2011 May, 2011 − Rev. 14 1 Publication Order Number: MC74VHC1GT50/D MC74VHC1GT50 Noninverting Buffer / CMOS Logic Level Shifter TTL−Compatible Inputs The MC74VHC1GT50 is a single gate noninverting buffer fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The device input is compatible with TTL−type input thresholds and the output has a full 5 V CMOS level output swing. The input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic−level translator from 3 V CMOS logic to 5 V CMOS Logic or from 1.8 V CMOS logic to 3 V CMOS Logic while operating at the high−voltage power supply. The MC74VHC1GT50 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the MC74VHC1GT50 to be used to interface high voltage to low voltage circuits. The output structures also provide protection when VCC = 0 V. These input and output structures help prevent device destruction caused by supply voltage − input/output voltage mismatch, battery backup, hot insertion, etc. Features • Designed for 1.65 V to 5.5 VCC Operation • High Speed: tPD = 3.5 ns (Typ) at VCC = 5 V • Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C • TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V, VCC = 5 V • CMOS−Compatible Outputs: VOH > 0.8 VCC; VOL < 0.1 VCC @Load • Power Down Protection Provided on Inputs and Outputs • Balanced Propagation Delays • Pin and Function Compatible with Other Standard Logic Families • Chip Complexity: FETs = 104; Equivalent Gates = 26 • These Devices are Pb−Free and are RoHS Compliant Figure 1. Pinout (Top View) IN A OUT Y 1 VCC NC IN A OUT Y GND Figure 2. Logic Symbol 1 2 34 5 PIN ASSIGNMENT 1 2 3 GND NC IN A 4 5VCC OUT Y See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ORDERING INFORMATION FUNCTION TABLE L H A Input Y Output L H SC−88A / SOT−353 / SC−70 DF SUFFIX CASE 419A TSOP−5 / SOT−23 / SC−59 DT SUFFIX CASE 483 MARKING DIAGRAMS http://onsemi.com 1 5 1 5 1 5 VL M G G VL = Device Code M = Date Code* G = Pb−Free Package 1 5 VL M G G *Date Code orientation and/or position may vary depending upon manufacturing location. (Note: Microdot may be in either location) |
Número de pieza similar - M74VHC1GT50DTT1G |
|
Descripción similar - M74VHC1GT50DTT1G |