Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3026AQ Datasheet(PDF) 9 Page - Sony Corporation

No. de pieza CXA3026AQ
Descripción Electrónicos  8-bit 140MSPS Flash A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3026AQ Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA3026AQ Datasheet HTML 5Page - Sony Corporation CXA3026AQ Datasheet HTML 6Page - Sony Corporation CXA3026AQ Datasheet HTML 7Page - Sony Corporation CXA3026AQ Datasheet HTML 8Page - Sony Corporation CXA3026AQ Datasheet HTML 9Page - Sony Corporation CXA3026AQ Datasheet HTML 10Page - Sony Corporation CXA3026AQ Datasheet HTML 11Page - Sony Corporation CXA3026AQ Datasheet HTML 12Page - Sony Corporation CXA3026AQ Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
—9—
CXA3026AQ
Electrical Characteristics Measurement Circuit
Current Consumption Measurement Circuit
VRT
VIN
VRB
AVCC
DVCC1
DVCC2
DGND3
DGND2
DGND1
AGND
CLK/E
DVEE3
A
A
5MHz PECL
4V
1.95V
2V
5V
5V
Icc
IEE
Integral Linearity Error Measurement Circuit
Differential Linearity Error Measurement Circuit
CXA3026AQ
A<B A>B
Comparator
Buffer
Controller
DVM
8
8
"1"
"0"
000…00
to
111…10
VIN
+V
–V
S2
S1
S1 : ON when A<B
S2: ON when A>B
B8
to
B1
B0
A8
to
A1
A0
Sampling Delay Measurement Circuit
Aperture Jitter Measurement Circuit
CXA3026AQ
OSC2
Logic
Analizer
100MHz
100MHz
Amp
ECL
Buffer
CLK
VIN
8
fr
1024
samples
OSC1
: Variable
φ
Aperture Jitter Measurement Method
VIN
CLK
VIN
CLK
VRT
VRM2
VRB
129
128
127
126
125
Sampling timing fluctuation
(= aperture jitter)
σ (LSB)
t
∆ υ
Error Rate Measurement Circuit
Comparator
A>B
Pulse
Counter
CXA3026AQ
Signal
Source
Latch
Latch
1 / 8
+
Signal
Source
Fc
4
–1kHz
2Vp-p Sin Wave
Fc
VIN
CLK
CLK
8
16LSB
A
B
Where
σ(LSB) is the deviation of the output codes when
the largest slew rate point is sampled at the clock which
has exactly the same frequency as the analog input
signal, the aperture jitter Taj is:
Taj =
σ /
=
σ/ (
)
∆t
∆υ
2
256
× 2 πf


Número de pieza similar - CXA3026AQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3026 SONY-CXA3026 Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results

Descripción similar - CXA3026AQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
   6-bit 140MSPS Flash A/D Converter
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com