Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3071N Datasheet(PDF) 1 Page - Sony Corporation

No. de pieza CXA3071N
Descripción Electrónicos  Read/Write Amplifier (with Built-in Filters) for FDDs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3071N Datasheet(HTML) 1 Page - Sony Corporation

  CXA3071N Datasheet HTML 1Page - Sony Corporation CXA3071N Datasheet HTML 2Page - Sony Corporation CXA3071N Datasheet HTML 3Page - Sony Corporation CXA3071N Datasheet HTML 4Page - Sony Corporation CXA3071N Datasheet HTML 5Page - Sony Corporation CXA3071N Datasheet HTML 6Page - Sony Corporation CXA3071N Datasheet HTML 7Page - Sony Corporation CXA3071N Datasheet HTML 8Page - Sony Corporation CXA3071N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
– 1 –
CXA3071N
E96146B8Z
Read/Write Amplifier (with Built-in Filters) for FDDs
Description
The CXA3071N is a monolithic IC designed for use
with three-mode Floppy Disk Drives, and contains a
read circuit (with a four-mode filter system), a write
circuit, an erase circuit, and a supply voltage
detection circuit, all on a single chip.
Features
• Single 5V power supply
• All filter, write current and other characteristics can
be set with a single external resistor.
• Filter system can be switched among four modes:
1M, 1.6M/2M, which are each inner track/outer
track.
• Filter characteristics can be set to Chebyshev (1dB
ripple) for 1.6M, 2M/inner track only, and to
Butterworth for the other modes and a custom
selection can be made between Chebyshev (1dB
ripple) and Butterworth for 1.6M, 2M/inner track
only.
• 1M/outer track f0 and the fc ratio for each mode
can be customized.
• Preamplifier voltage gain can be set to 45dB or
48dB by switching the filter mode and inner/outer
track.
• Preamplifier and filter output are monitored with
the same pins. These pins are normally set to filter
output,
but
the
preamplifier
output
can
be
monitored by temporarily setting the SETR pin (Pin
20) to Low.
• Time domain filter can be switched between two
modes: 1M, 1.6M/2M.
In addition, the pulse width can be customized.
• Write current can be switched among six modes
according to the mode and inner/outer track
setting.
The current value can be customized for each
mode.
• Erase current remains constant, and the current
value can be customized.
• Damping resistor can be built in. Resistor can be
customized between 2k
Ω and 15kΩ in 1kΩ steps.
• Supply voltage detection circuit
Applications
Three-mode FDDs
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VCC
7.0
V
• Digital signal input pin voltage
–0.5 to VCC + 0.3
V
• Power ON output applied voltage
VCC + 0.3
V
• Erase output applied voltage
VCC + 0.3
V
• Write head applied voltage
15
V
• Power ON output current
7
mA
• Operating temperature Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
375
mW
Operating Conditions
Supply voltage
4.4 to 6.0
V
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
20 pin SSOP (Plastic)
For the availability of this product, please contact the sales office.


Número de pieza similar - CXA3071N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB0E3 CREE-CXA3070-0000-000N00AB0E3 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB0E5 CREE-CXA3070-0000-000N00AB0E5 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB40F CREE-CXA3070-0000-000N00AB40F Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB40H CREE-CXA3070-0000-000N00AB40H Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
More results

Descripción similar - CXA3071N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1720Q SONY-CXA1720Q Datasheet
336Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3031Q SONY-CXA3031Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA1362Q SONY-CXA1362Q Datasheet
558Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1360Q SONY-CXA1360Q Datasheet
548Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
   Read /Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
   Read /Write amplifier for FDD
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
   Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
   Read /Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com