Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

STN4392 Datasheet(PDF) 2 Page - Stanson Technology

No. de Pieza. STN4392
Descripción  STN4392 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STANSON [Stanson Technology]
Página de inicio  http://www.stansontech.com
Logo 

STN4392 Datasheet(HTML) 2 Page - Stanson Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STN4
STN4
STN4
STN439
39
39
392
2
2
2
N Channel Enhancement Mode MOSFET
13A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STN4392 2009. V1
ABSOULTE
ABSOULTE
ABSOULTE
ABSOULTE MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Typical
Typical
Typical
Typical
Unit
Unit
Unit
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (TJ=150℃)
TA=25℃
TA=70℃
ID
13
10
A
Pulsed Drain Current
IDM
50
A
Continuous Source Current (Diode Conduction)
IS
5.6
A
Power Dissipation
TA=25℃
TA=70℃
PD
2.5
1.6
W
Operation Junction Temperature
TJ
-55/150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
80
℃/W


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn